Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 145Page - Renesas Technology Corp 32182 Datasheet HTML 146Page - Renesas Technology Corp 32182 Datasheet HTML 147Page - Renesas Technology Corp 32182 Datasheet HTML 148Page - Renesas Technology Corp 32182 Datasheet HTML 149Page - Renesas Technology Corp 32182 Datasheet HTML 150Page - Renesas Technology Corp 32182 Datasheet HTML 151Page - Renesas Technology Corp 32182 Datasheet HTML 152Page - Renesas Technology Corp 32182 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 755 page
background image
6
6-14
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
Figure 6.5.2 Procedure for Programming/Erasing the Internal Flash Memory (when the flash write/erase
program does not exist in it)
(1) When the flash write/erase program does not exist in the internal flash memory
In this case, the boot program is used to program or erase the internal flash memory. To transfer the write
data, use serial I/O1 in clock-synchronized serial mode.
To program or erase the internal flash memory using a flash programmer, follow the procedure described below.
SIO1
CPU
SIO1
CPU
Flash write/
erase
program
MOD1 = L
SIO1
CPU
RAM
Flash
memory
FP = L or H
RAM
RAM
<Step 1>
• Initial state (Flash write/erase program nonexistent in the internal
flash memory)
<Step 2>
• Set the FP pin high, MOD0 pin high and MOD1 pin low to place the
flash memory in boot mode + flash E/W enable mode.
• Dessert reset signal and start up with the boot program.
• Transfer the flash write/erase program into the RAM.
• Jump to the flash write/erase program in the RAM.
<Step 3>
• Using the flash write/erase program in the RAM, set the Flash Control
Register 1 (FCNT1) FENTRY bit to 1.
• Program or erase the internal flash memory using the flash write/erase
program.
• When finished, reset MOD0 low and jump to the internal flash memory
or apply a reset to enter normal mode.
M32R/ECU
M32R/ECU
M32R/ECU
External device (e.g., flash programmer)
External device (e.g., flash programmer)
Flash
memory
Flash write
data
Flash
memory
MOD0 = L
Boot
program
Boot
program
Boot
program
MOD1 = L
FP = H
MOD0 = H
MOD1 = L
FP = H
MOD0 = H
RESET = L
RESET = H
RESET = H
Flash write/
erase
program
Write data
Write data
Write data
External device (e.g., flash programmer)
6.5 Programming the Internal Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com