Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 147Page - Renesas Technology Corp 32182 Datasheet HTML 148Page - Renesas Technology Corp 32182 Datasheet HTML 149Page - Renesas Technology Corp 32182 Datasheet HTML 150Page - Renesas Technology Corp 32182 Datasheet HTML 151Page - Renesas Technology Corp 32182 Datasheet HTML 152Page - Renesas Technology Corp 32182 Datasheet HTML 153Page - Renesas Technology Corp 32182 Datasheet HTML 154Page - Renesas Technology Corp 32182 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 755 page
background image
6
6-16
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
Figure 6.5.4 Procedure for Programming/Erasing the Internal Flash Memory (when the flash write/erase
program already exists in it)
(2) When the flash write/erase program already exists in the internal flash memory
In this case, the flash write/erase program prepared in the internal flash memory is used to program or erase
the internal flash memory.
For programming/erase operation here, use the internal peripheral circuits in the manner suitable for the
programming system. (All resources of the internal peripheral circuits such as the data bus, serial I/O and
ports can be used.)
The following shows an example for programming or erasing the internal flash memory by using serial I/O0 in
single-chip mode.
SIO0
CPU
Flash write/
erase
program
SIO0
CPU
Flash write/
erase
program
MOD1 = L
SIO0
CPU
RAM
Flash write/
erase
program
FP = L or H
Write data
RAM
RAM
<Step 1>
• Initial state (Flash write/erase program existing in the internal flash memory)
• An ordinary program in the internal flash memory is being executed.
<Step 2>
• Set the FP pin high, MOD1 pin low and MOD0 pin low to place the
flash memory in single-chip + flash E/W enable mode.
• After determining the FP pin and MOD1 pin levels, transfer the flash
write/erase program from the internal flash memory area into the RAM.
• Jump to the flash write/erase program in the RAM.
<Step 3>
• Using the flash write/erase program in the RAM, set the Flash Control
Register 1 (FCNT1) FENTRY bit to 1.
• Program or erase the internal flash memory using the flash write/erase
program in the RAM.
• When finished, jump to the program in the flash memory or apply a
reset to enter normal mode.
M32R/ECU
M32R/ECU
M32R/ECU
External device
External device
External device
Flash
memory
Flash write
data
Flash
memory
MOD0 = L
MOD1 = L
FP = H
MOD0 = L
MOD1 = L
FP = H
MOD0 = L
Write data
Write data
6.5 Programming the Internal Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com