Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 143Page - Renesas Technology Corp 32182 Datasheet HTML 144Page - Renesas Technology Corp 32182 Datasheet HTML 145Page - Renesas Technology Corp 32182 Datasheet HTML 146Page - Renesas Technology Corp 32182 Datasheet HTML 147Page - Renesas Technology Corp 32182 Datasheet HTML 148Page - Renesas Technology Corp 32182 Datasheet HTML 149Page - Renesas Technology Corp 32182 Datasheet HTML 150Page - Renesas Technology Corp 32182 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 755 page
background image
6
6-12
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
6.4.5 Virtual Flash S Bank Registers
Virtual Flash S Bank Register 0 (FESBANK0)
<Address: H’0080 01E8>
Virtual Flash S Bank Register 1 (FESBANK1)
<Address: H’0080 01EA>
Virtual Flash S Bank Register 2 (FESBANK2)
<Address: H’0080 01EC>
Virtual Flash S Bank Register 3 (FESBANK3)
<Address: H’0080 01EE>
Virtual Flash S Bank Register 4 (FESBANK4)
<Address: H’0080 01F0>
Virtual Flash S Bank Register 5 (FESBANK5)
<Address: H’0080 01F2>
Virtual Flash S Bank Register 6 (FESBANK6)
<Address: H’0080 01F4>
Virtual Flash S Bank Register 7 (FESBANK7)
<Address: H’0080 01F6>
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
MODENS
SBANKAD
0
0
0000000
0
0
0
0
0
0
0
<After reset: H’0000>
b
Bit Name
Function
R
W
0
MODENS
0: Disable virtual flash emulation function
R
W
Virtual flash emulation enable bit
1: Enable virtual flash emulation function
1–7
No function assigned. Fix to "0".
00
8-15
SBANKAD
Start address A12–A19 of the relevant S bank
R
W
S bank address
Note: • These registers must always be accessed in halfwords.
(1) MODENS (Virtual Flash Emulation Enable) bit (Bit 0)
The MODENS bit can be set to "1" after entering virtual flash emulation mode (by setting the FEMMOD bit to
"1" while the FENTRY bit = "0"). This causes the virtual flash emulation function to be enabled for the S bank
area selected by the SBANKAD bits.
(2) SBANKAD (S Bank Address) bits (Bits 8–15)
The SBANKAD bits are provided for selecting one of the S banks that are separated every 4 KB. Use these
SBANKAD bits to set the eight bits A12–A19 of the 32-bit start address of the desired S bank.
Note: • For details, see Section 6.6, “Virtual Flash Emulation Function.”
6.4 Registers Associated with the Internal Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com