Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 140Page - Renesas Technology Corp 32182 Datasheet HTML 141Page - Renesas Technology Corp 32182 Datasheet HTML 142Page - Renesas Technology Corp 32182 Datasheet HTML 143Page - Renesas Technology Corp 32182 Datasheet HTML 144Page - Renesas Technology Corp 32182 Datasheet HTML 145Page - Renesas Technology Corp 32182 Datasheet HTML 146Page - Renesas Technology Corp 32182 Datasheet HTML 147Page - Renesas Technology Corp 32182 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 755 page
background image
6
6-9
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
FPROT = 0
FENTRY = 1
YES
NO
FENTRY = 1
FPROT = 1
FPROT is not set to 1 if a write cycle
to any other area occurs during this time.
Figure 6.4.1 Protection Unlocking Flow
6.4 Registers Associated with the Internal Flash Memory
Flash Control Register 2 (FCNT2)
<Address: H’0080 01E3>
9
1011121314
b15
b8
FPROT
0
0
0
0
0
0
0
0
<After reset: H’00>
b
Bit Name
Function
R
W
8–14
No function assigned. Fix to "0".
00
15
FPROT
0: Protection by lock bit effective
R
W
Unlock bit
1: Protection by lock bit invalidated
Flash Control Register 2 (FCNT2) controls invalidation of the internal flash memory protection by a lock bit
(protection against programming/erase operation). Protection of the internal flash memory is invalidated by
setting the FPROT bit to "1", so that any blocks protected by a lock bit can now be programmed or erased.
To set the FPROT bit to "1", write "0" and then "1" to the FPROT bit in succession while the FENTRY bit = "1". To
clear the FPROT bit to "0", write "0" to the FPROT bit.
If one of the following operations is attempted, the FPROT bit is cleared to "0".
1) Writing "0" to the FPROT bit
2) Entering a low-level signal to the FP pin
3) Clearing the FENTRY bit to "0"
4) Entering a low-level signal to the RESET# pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com