Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 138Page - Renesas Technology Corp 32182 Datasheet HTML 139Page - Renesas Technology Corp 32182 Datasheet HTML 140Page - Renesas Technology Corp 32182 Datasheet HTML 141Page - Renesas Technology Corp 32182 Datasheet HTML 142Page - Renesas Technology Corp 32182 Datasheet HTML 143Page - Renesas Technology Corp 32182 Datasheet HTML 144Page - Renesas Technology Corp 32182 Datasheet HTML 145Page - Renesas Technology Corp 32182 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 755 page
background image
6
6-7
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
6.4 Registers Associated with the Internal Flash Memory
This status register is included in the internal flash memory, and can be enabled for read by writing the Read
Status command (H’7070) to any address of the internal flash memory. For details, see Section 6.5, “Program-
ming the Internal Flash Memory.”
Flash Status Register 2 (FSTAT2) consists of the following four read-only status bits that indicate the operation
condition of the internal flash memory.
(1) FBUSY (Flash Busy) bit (Bit 8)
The FBUSY bit is used to determine whether the operation on the internal flash memory is finished when it is
being programmed or erased. When FBUSY = "0", it means that the programming or erase operation is being
executed; when FBUSY = "1", the operation is finished.
(2) ERASE (Erase status) bit (Bit 10)
The ERASE bit is used to determine after execution of processing whether the erase operation performed on
the internal flash memory resulted in an error. When ERASE = "0", it means that the erase operation termi-
nated normally; when ERASE = "1", the erase operation terminated in an error.
(3) WRERR1 (Write status 1) bit (Bit 11)
The WRERR1 bit is used to determine after completion of processing whether the programming operation
performed on the internal flash memory resulted in an error. When WRERR1 = "0", it means that the pro-
gramming operation terminated normally; when WRERR1 = "1", the programming operation terminated in an
error.
The condition under which WRERR1 is set to "1" is when any bit other than those that must be "0" is found to
be "0" by comparison between the write data and the data in the internal flash memory.
(4) WRERR2 (Write status 2) bit (Bit 12)
The WRERR2 bit is used to determine after execution of processing whether the programming operation
performed on the internal flash memory resulted in an error. When WRERR2 = "0", it means that the pro-
gramming operation terminated normally; when WRERR2 = "1", the programming operation terminated in an
error.
The condition under which WRERR2 is set to "1" is when the internal flash memory cannot be written to even
by repeating the programming operation a specified number of times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com