Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 139Page - Renesas Technology Corp 32182 Datasheet HTML 140Page - Renesas Technology Corp 32182 Datasheet HTML 141Page - Renesas Technology Corp 32182 Datasheet HTML 142Page - Renesas Technology Corp 32182 Datasheet HTML 143Page - Renesas Technology Corp 32182 Datasheet HTML 144Page - Renesas Technology Corp 32182 Datasheet HTML 145Page - Renesas Technology Corp 32182 Datasheet HTML 146Page - Renesas Technology Corp 32182 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 755 page
background image
6
6-8
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
6.4 Registers Associated with the Internal Flash Memory
6.4.4 Flash Control Registers
Flash Control Register 1 (FCNT1)
<Address: H’0080 01E2>
123456
b7
b0
FEMMOD
FENTRY
0
0
0
0
0
0
0
0
<After reset: H’00>
b
Bit Name
Function
R
W
0–2
No function assigned. Fix to "0".
00
3
FENTRY
0: Normal read
R
W
Flash E/W enable mode entry bit
1: Program/erase enable
4–6
No function assigned. Fix to "0".
00
7
FEMMOD
0: Normal mode
R
W
Virtual flash emulation mode bit
1: Virtual flash emulation mode
Flash Control Register 1 (FCNT1) consists of the following two bits to control the internal flash memory.
(1) FENTRY (Flash Mode Entry) bit (Bit 3)
The FENTRY bit controls entry to flash E/W enable mode. Flash E/W enable mode can only be entered when
FENTRY = "1".
To set the FENTRY bit to "1", write "0" and then "1" to the FENTRY bit in succession while the FP pin = "high". To
clear the FENTRY bit, check to see that the FSTAT1 register FSTAT bit = "1" (ready) and then write "0" to the
FENTRY bit.
Note that the following operations cannot be performed while programming or erasing the internal flash
memory (FSTAT1 register FSTAT bit = "0" (busy)). If one of these operations is attempted, the FENTRY bit
is cleared to "0" in hardware.
1) Writing "0" to the FENTRY bit
2) Entering a low-level signal to the FP pin
3) Entering a low-level signal to the RESET# pin
When running a program resident in the internal flash memory while the FENTRY bit = "0", the EI vector entry
is located at the address H’0000 0080 of the internal flash memory. When running the flash write/erase
program in the RAM while the FENTRY bit = "1", the EI vector entry is located at the address H’0080 4000 of
the RAM, allowing the flash programming/erase operation to be controlled using interrupts.
Table 6.4.1 Changes of the EI Vector Entry by FENTRY
FENTRY
EI Vector Entry
Address
0
Internal flash memory area
H'0000 0080
1
Internal RAM area
H'0080 4000
(2) FEMMOD (Virtual Flash Emulation Mode) bit (Bit 7)
The FEMMOD bit controls entry to virtual flash emulation mode. Virtual flash emulation mode is entered by
setting the FEMMOD bit to "1" while the FENTRY bit = "0". (For details, see Section 6.6, “Virtual Flash
Emulation Function.”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com