Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 150Page - Renesas Technology Corp 32182 Datasheet HTML 151Page - Renesas Technology Corp 32182 Datasheet HTML 152Page - Renesas Technology Corp 32182 Datasheet HTML 153Page - Renesas Technology Corp 32182 Datasheet HTML 154Page - Renesas Technology Corp 32182 Datasheet HTML 155Page - Renesas Technology Corp 32182 Datasheet HTML 156Page - Renesas Technology Corp 32182 Datasheet HTML 157Page - Renesas Technology Corp 32182 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 755 page
background image
6
6-19
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
6.5 Programming the Internal Flash Memory
(3) Detecting the MOD0 and MOD1 pin levels
The MOD0 and MOD1 pin levels ("high" or "low") can be known by checking the P8 Data Register (Port Data
Register, H’0080 0708) MOD0DT and MOD1DT bits.
P8 Data Register (P8DATA)
<Address: H’0080 0708>
123456
b7
b0
P87DT
P86DT
P85DT
P84DT
P83DT
P82DT
MOD1DT
MOD0DT
????????
<After reset: Undefined>
b
Bit Name
Function
R
W
0
MOD0DT
0: MOD0 pin = "low"
R
–
MOD0 data bit
1: MOD0 pin = "high"
1
MOD1DT
0: MOD1 pin = "low"
R
–
MOD1 data bit
1: MOD1 pin = "high"
2
P82DT
At read
R
W
Port P82 data bit
Depends on how the Port Direction Register is set
3
P83DT
• If direction bit = "0" (input mode)
Port P83 data bit
0: Port input pin = "low"
4
P84DT
1: Port input pin = "high"
Port P84 data bit
• If direction bit = "1" (output mode) (Note 1)
5
P85DT
0: Port output latch = "0" / Port pin level = "low"
Port P85 data bit
1: Port output latch = "1" / Port pin level = "high"
6
P86DT
At write
Port P86 data bit
Write to the port output latch
7
P87DT
Port P87 data bit
Note 1: To select the port data to read, use the Port Input Special Function Control Register’s port input data select bit (PISEL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com