Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 149Page - Renesas Technology Corp 32182 Datasheet HTML 150Page - Renesas Technology Corp 32182 Datasheet HTML 151Page - Renesas Technology Corp 32182 Datasheet HTML 152Page - Renesas Technology Corp 32182 Datasheet HTML 153Page - Renesas Technology Corp 32182 Datasheet HTML 154Page - Renesas Technology Corp 32182 Datasheet HTML 155Page - Renesas Technology Corp 32182 Datasheet HTML 156Page - Renesas Technology Corp 32182 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 755 page
background image
6
6-18
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
6.5.2 Controlling Operation Modes during Flash Programming
The microcomputer’s operation mode is set by MOD0, MOD1 and Flash Control Register 1 (FCNT1) FENTRY
bit. The table below lists operation modes that may be used when programming or erasing the internal flash
memory.
Table 6.5.1 Operation Modes Set during Flash Programming/Erase
FP
MOD0 MOD1 FENTRY (Note 1) Operation Mode
Reset Vector Entry
EI Vector Entry
0
0
0
0
Single-chip mode
Start address of internal
Flash area
1
0
0
0
flash memory
(H'0000 0080)
(H'0000 0000)
0
1
0
0
Processor mode
Start address of external
External area
area
(H'0000 0000)
(H'0000 0080)
0
0
1
0
External extension
Start address of internal
Flash area
1
0
1
0
mode
flash memory
(H'0000 0080)
(H'0000 0000)
1
0
0
1
Single-chip mode
Start address of internal
Beginning of internal RAM
+ flash E/W enable
flash memory
(H'0080 4000)
(H'0000 0000)
1
1
0
0
Boot mode
Boot program starts
Flash area
running
(H'0000 0080)
1
1
0
1
Boot mode + flash
Boot program starts
Beginning of internal RAM
E/W enable
running
(H'0080 4000)
1
0
1
1
External extension
Start address of internal
Beginning of internal RAM
mode + flash E/W
flash memory
(H'0080 4000)
enable
(H'0000 0000)
–
1
1
–
Use inhibited
–
–
Note 1: Indicates the Flash Control Register 1 (FCNT1) FENTRY bit status (– denotes “Don’t care”). However, if FP = "0",
writing "1" to FENTRY only results in it cleared to "0".
(1) Flash E/W enable mode
Flash E/W enable mode is a mode in which the internal flash memory can be programmed or erased. In flash
E/W enable mode, no programs can be executed in the internal flash memory. Therefore, the necessary
program must be transferred into the internal RAM before entering flash E/W enable mode, so that it can be
executed in the RAM.
(2) Entering flash E/W enable mode
Flash E/W enable mode can only be entered when operating in single-chip, external extension or boot mode.
Furthermore, it is only when the FP pin = "high" and the Flash Control Register 1 (FCNT1) FENTRY bit = "1"
that flash E/W enable mode can be entered. Flash E/W enable mode cannot be entered when operating in
processor mode or the FP pin = "low".
6.5 Programming the Internal Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com