Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 151Page - Renesas Technology Corp 32182 Datasheet HTML 152Page - Renesas Technology Corp 32182 Datasheet HTML 153Page - Renesas Technology Corp 32182 Datasheet HTML 154Page - Renesas Technology Corp 32182 Datasheet HTML 155Page - Renesas Technology Corp 32182 Datasheet HTML 156Page - Renesas Technology Corp 32182 Datasheet HTML 157Page - Renesas Technology Corp 32182 Datasheet HTML 158Page - Renesas Technology Corp 32182 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 755 page
background image
6
6-20
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
Figure 6.5.6 Procedure for Entering Flash E/W Enable Mode
END
START
Enter one of the following modes:
• Single-chip mode
• Boot mode
• External extension mode
Transfer the flash write/erase program
into the internal RAM
Set the Flash Control Register in SFR area
(FCNT1, H'0080 01E2) FENTRY bit to 0
Set the Flash Control Register in SFR area
(FCNT1, H'0080 01E2) FENTRY bit to 1
Execute flash write/erase command and
various read commands (Note 1)
Switched to the flash write/erase
program
Wait for 1 µs
(using a hardware or software timer)
Jump to the flash memory or apply reset
Switched to normal mode
Check
MOD0/1 and FP pin
levels
OK
NO
END
FMOD(H'0080 01E0)
FPMOD
P8DATA(H'0080 0708)
D0 = MOD0DT
D1 = MOD1DT
Note 1: For details about each command, see Section 6.5.4, "Procedure for Programming/Erasing
the Internal Flash Memory."
→ Go to flash E/W enable mode
6.5 Programming the Internal Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com