Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 155Page - Renesas Technology Corp 32182 Datasheet HTML 156Page - Renesas Technology Corp 32182 Datasheet HTML 157Page - Renesas Technology Corp 32182 Datasheet HTML 158Page - Renesas Technology Corp 32182 Datasheet HTML 159Page - Renesas Technology Corp 32182 Datasheet HTML 160Page - Renesas Technology Corp 32182 Datasheet HTML 161Page - Renesas Technology Corp 32182 Datasheet HTML 162Page - Renesas Technology Corp 32182 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 755 page
background image
6
6-24
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
END
Read any address of the internal flash
memory (Note 2) to check for
programming error (see Figure 6.4.2)
START
Write the Verify command (H'D0D0)
to the last even address of the flash
memory block to be protected
Write the Lock Bit Program command
(H'7777) to any address of the
internal flash memory
Lock bit is programmed
by Lock Bit Program (Note 1)
Wait for 1 µs
(using a hardware or software timer)
FSTAT bit = 1
TIME OUT?
0.5s
YES
NO
Forcibly terminated
(see Figure 6.4.3.)
YES
NO
Note 1: When a programming operation started, the internal flash memory is automatically readied to run the Read Status
command, so that there is no need to enter the Read Status command until another command is entered.
Note 2: Inspect the Flash Status Register 2 ERASE (erase status), WRERR1 (write status 1) and WRERR2 (write status 2)
bits to check for programming error.
Figure 6.5.9 Lock Bit Program Command
6.5 Programming the Internal Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com