Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 158Page - Renesas Technology Corp 32182 Datasheet HTML 159Page - Renesas Technology Corp 32182 Datasheet HTML 160Page - Renesas Technology Corp 32182 Datasheet HTML 161Page - Renesas Technology Corp 32182 Datasheet HTML 162Page - Renesas Technology Corp 32182 Datasheet HTML 163Page - Renesas Technology Corp 32182 Datasheet HTML 164Page - Renesas Technology Corp 32182 Datasheet HTML 165Page - Renesas Technology Corp 32182 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 755 page
background image
6
6-27
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
6.5 Programming the Internal Flash Memory
START
Write the Read Status Register
command (H'7070) to any address
of the internal flash memory
Read any address of the
internal flash memory
END
Figure 6.5.12 Read Status Register Command
(7) Clear Status Register command
The Clear Status Register command clears the Flash Status Register 2 ERASE (erase status), WRERR1
(write status 1) and WRERR2 (write status 2) bits to "0". Write the Clear Status Register command (H’5050)
to any address of the internal flash memory, and Flash Status Register 2 is thereby initialized.
If an error occurs when programming or erasing the internal flash memory and the Flash Status Register 2
ERASE (erase status), WRERR1 (write status 1) or WRERR2 (write status 2) bit is set to "1", the next
programming or erase operation cannot be executed unless each status bit is cleared to "0".
START
Write the Clear Status Register command (H'5050)
to any address of the internal flash memory
END
Figure 6.5.13 Clear Status Register Command
(6) Read Status Register command
The Read Status Register command reads the content of Flash Status Register 2 (FSTAT2) that indicates
whether flash memory programming or erase operation has terminated normally. To read Flash Status Reg-
ister 2, write the Read Status Register command (H’7070) to any address of the internal flash memory. Next,
read any address of the internal flash memory, and Flash Status Register 2 (FSTAT2) will be read out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com