Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 162Page - Renesas Technology Corp 32182 Datasheet HTML 163Page - Renesas Technology Corp 32182 Datasheet HTML 164Page - Renesas Technology Corp 32182 Datasheet HTML 165Page - Renesas Technology Corp 32182 Datasheet HTML 166Page - Renesas Technology Corp 32182 Datasheet HTML 167Page - Renesas Technology Corp 32182 Datasheet HTML 168Page - Renesas Technology Corp 32182 Datasheet HTML 169Page - Renesas Technology Corp 32182 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 755 page
background image
6
6-31
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
6.6 Virtual Flash Emulation Function
The microcomputer has the function to map 4-Kbyte memory blocks beginning with the address H’0080 8000 into
areas (S banks) of the internal flash memory that are divided in 4-Kbyte units. This functions is referred to as the
Virtual Flash Emulation Function.
This function allows the data located in 4-Kbyte blocks of the internal RAM to be changed with the contents of
internal flash memory at the addresses specified by the Virtual Flash S Bank Register. That way, the relevant RAM
data can read out by reading the content of internal flash memory.
For applications that require modifying the contents of internal flash memory (e.g., data table) during operation,
this function enables dynamic data modification by modifying the relevant RAM data.
The RAM blocks allocated for virtual flash emulation can be accessed for read and write the same way as in usual RAM.
This function, when used in combination with the microcomputer’s internal Real-Time Debugger (RTD), allows the
data table, etc. created in the internal flash memory to be referenced or rewritten from the outside, thereby facili-
tating data table tuning from an external device.
Note: • Before programming/erasing the internal flash memory, always be sure to exit this virtual flash
emulation mode.
Figure 6.6.1 Internal RAM Bank Configuration of the M32182F3
6.6 Virtual Flash Emulation Function
H'0080 4000
H'0080 8000
H'0080 9000
H'0080 A000
H'0080 B000
H'0080 C000
H'0080 D000
H'0080 E000
H'0080 F000
RAM bank block 0
(FESBANK0)
4 Kbytes
RAM bank block 1
(FESBANK1)
4 Kbytes
RAM bank block 2
(FESBANK2)
4 Kbytes
RAM bank block 3
(FESBANK3)
4 Kbytes
RAM bank block 4
(FESBANK4)
4 Kbytes
RAM bank block 5
(FESBANK5)
4 Kbytes
RAM bank block 6
(FESBANK6)
4 Kbytes
RAM bank block 7
(FESBANK7)
4 Kbytes
(Cannot be used for
virtual flash emulation)
Internal RAM area
(Cannot be used for
virtual flash emulation)
H'0081 0000
H'0081 3FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com