Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 161Page - Renesas Technology Corp 32182 Datasheet HTML 162Page - Renesas Technology Corp 32182 Datasheet HTML 163Page - Renesas Technology Corp 32182 Datasheet HTML 164Page - Renesas Technology Corp 32182 Datasheet HTML 165Page - Renesas Technology Corp 32182 Datasheet HTML 166Page - Renesas Technology Corp 32182 Datasheet HTML 167Page - Renesas Technology Corp 32182 Datasheet HTML 168Page - Renesas Technology Corp 32182 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 755 page
background image
6
6-30
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
6.5.4 Flash Programming Time (Reference)
The following shows the time needed to program internal flash memory for reference.
(1) Time required for transfer by SIO (for a transfer data size of 384 KB)
1/57,600 bps
× 1 (frame) × 11 (number of bits transferred) × 384 KB = approx. 75.1 [s]
(2) Time required for programming the flash memory
384 KB / 256-byte block
× 8 ms = approx. 12.3 [s]
(3) Time required for erasing the entire area
50 ms
× 9 (blocks) = approx. 450 [ms]
(4) Total flash programming time (entire 384 KB area)
When communicating at 57,600 bps via UART, the flash programming time can be ignored because it is very
short compared to the serial communication time. Therefore, the total flash programming time can be calcu-
lated using the equation below.
(1) + (3) = approx. 76 [s]
If the transfer time can be ignored by speeding up the serial communication or by other means, the fastest
programming time possible can be calculated using the equation below.
(2) + (3) = approx. 13 [s]
6.5 Programming the Internal Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com