Electronic Components Datasheet Search
  English  ▼

X  

32182 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # 32182
Description  32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
PDF  755 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32182 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button 32182 Datasheet HTML 160Page - Renesas Technology Corp 32182 Datasheet HTML 161Page - Renesas Technology Corp 32182 Datasheet HTML 162Page - Renesas Technology Corp 32182 Datasheet HTML 163Page - Renesas Technology Corp 32182 Datasheet HTML 164Page - Renesas Technology Corp 32182 Datasheet HTML 165Page - Renesas Technology Corp 32182 Datasheet HTML 166Page - Renesas Technology Corp 32182 Datasheet HTML 167Page - Renesas Technology Corp 32182 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 755 page
background image
6
6-29
INTERNAL MEMORY
32182 Group User’s Manual (Rev.1.0)
Lock Bit Status Register (FLBST)
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
FLBST0
FLBST1
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
<After reset: Undefined>
b
Bit Name
Function
R
W
0
No function assigned.
?–
1
FLBST0
0: Protected
R
–
Lock bit 0
1: Not protected
2–8
No function assigned.
?–
9
FLBST1
0: Protected
R
–
Lock bit 1
1: Not protected
(Same content as FLBST0 is output)
10–15
No function assigned.
?
–
The Lock Bit Status Register is a read-only register, which is included for each memory block independently of
one another. The following shows how the lock bits in this register are set.
a) Setting the lock bit to "0" (protected)
Issue the Lock Bit Program command (H’7777) to the memory block to be protected.
b) Setting the lock bit to "1" (not protected)
Set the Flash Control Register 2 FPROT bit to invalidate protection by a lock bit, then issue the Block Erase
command (H’2020) or Erase All Unlocked Blocks command (H’A7A7) to erase the memory block which is to
be unprotected. This is the only way to set the lock bit to "1". In no way can the lock bit alone be set to "1".
c) Lock bit status after reset
Because the lock bits are nonvolatile, they are unaffected by a reset and power-off.
6.5 Programming the Internal Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com