Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 34 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 34 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 30Page - Semtech Corporation ACS8530 Datasheet HTML 31Page - Semtech Corporation ACS8530 Datasheet HTML 32Page - Semtech Corporation ACS8530 Datasheet HTML 33Page - Semtech Corporation ACS8530 Datasheet HTML 34Page - Semtech Corporation ACS8530 Datasheet HTML 35Page - Semtech Corporation ACS8530 Datasheet HTML 36Page - Semtech Corporation ACS8530 Datasheet HTML 37Page - Semtech Corporation ACS8530 Datasheet HTML 38Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 34
www.semtech.com
ACS8530 SETS
The frequency generated from the T4 output APLL block is
four times its input frequency i.e. 311.04 MHz when used
with a 77.76 MHz input. The T4 output APLL is
subsequently divided by 2, 4, 8, 12, 16, 48 and 64 and
these are available at the TO1-TO7 outputs.
The TO8 and TO9 outputs are driven from either the T4 or
the T0 path. The TO10 and TO11 outputs are always
generated from the T0 path. Reg. 7A Bit 7 selects whether
the source of the 2 kHz and 8 kHz outputs available from
TO1-TO7 is derived from either the T0 or the T4 paths.
Output Frequency Configuration Steps
The output frequency selection is performed in the
following steps:
1. Does the application require the use of the T4 path as
an independent PLL path or not. If not, then the T4
path can be utilized to produce extra frequencies
locked to the T0 path.
2. Refer to Table 14, Frequency Divider Look-up, to
choose a set of output frequencies- one for each path,
T4 and T0. Only one set of frequencies can be
generated simultaneously from each path.
3. Refer to the Table 14 to determine the required APLL
frequency to support the frequency set.
4. Refer to Table 15, T0 APLL Frequencies, and
Table 16, T4 APLL Frequencies, to determine what
mode the T0 and T4 paths need to be configured in,
considering the output jitter level.
5. Refer to Table 17, TO1 - TO7 output Frequency
Selection, and the column headings in Table 14,
Frequency Divider Look-up, to select the appropriate
frequency from either of the APLLs on each output as
required.
Note...1.544 MHz/2.048 MHz are shown for SONET/SDH respectively. Pin SONSDHB controls default, when High SONET is default
Table 12 Output Reference Source Selection Table
Port
Name
Output Port
Technology
Frequencies Supported
T01
TTL/CMOS
Frequency selection as per Table 13 and Table 17
T02
TTL/CMOS
T03
TTL/CMOS
T04
TTL/CMOS
T05
TTL/CMOS
T06
LVDS/PECL
(LVDS default)
T07
PECL/LVDS
(PECL default)
T08
AMI
64/8 kHz (composite clock, 64 kHz + 8 kHz), fixed frequency.
T09
TTL/CMOS
Fixed frequency, either 1.544 MHz or 2.048 MHz.
T010
TTL/CMOS
FrSync, 8 kHz programmable pulse width and polarity, see Reg. 7A.
T011
TTL/CMOS
MFrSync, 2 kHz programmable pulse width and polarity, see Reg. 7A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com