Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 97 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 97 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 93Page - Semtech Corporation ACS8530 Datasheet HTML 94Page - Semtech Corporation ACS8530 Datasheet HTML 95Page - Semtech Corporation ACS8530 Datasheet HTML 96Page - Semtech Corporation ACS8530 Datasheet HTML 97Page - Semtech Corporation ACS8530 Datasheet HTML 98Page - Semtech Corporation ACS8530 Datasheet HTML 99Page - Semtech Corporation ACS8530 Datasheet HTML 100Page - Semtech Corporation ACS8530 Datasheet HTML 101Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 97
www.semtech.com
ACS8530 SETS
4
ext_switch
Bit to enable external switching mode. When in
external switching mode, the device is only allowed
to lock to a pair of sources. If the programmed
priority of input I3 is non-zero, then the SRCSWIT pin
is High, the device will be forced to lock to input I3
regardless of the signal present on that input. If the
programmed priority of input I3 is zero, then it will
be forced to lock to input I5 instead. If the
programmed priority of input I4 is non-zero, then the
SRCSW pin is Low, the device will be forced to lock
to input I4 regardless of the signal present on that
input. If the programmed priority of input I4 is zero,
then it will be forced to lock to input I6 instead.
* The default value of this bit is dependent on the
value of the SRCSW pin at power-up.
0
1
Normal operation mode.
External source switching mode enabled. Operating
mode of the device is always forced to be “locked”
when in this mode.
3
PBO_freeze
Bit to control the freezing of Phase Build-out
operation. If Phase Build-out has been enabled and
there have been some source switches, then the
input-output phase relationship of the T0 DPLL is
unknown. If Phase Build-out is no longer required,
then it can be frozen. This will maintain the current
input-output phase relationship, but not allow
further Phase Build-out events to take place. Simply
disabling Phase Build-out could cause a phase shift
in the output, as the T0 DPLL re-locks the phase to
zero degrees.
0
1
Phase Build-out not frozen.
Phase Build-out frozen, no further Phase Build-out
events will occur.
2
PBO_en
Bit to enable Phase Build-out events on source
switching. When enabled a Phase Build-out event is
triggered every time the T0 DPLL selects a new
source- this includes exiting the Holdover or Free-
run states.
0
1
Phase Build-out not enabled. T0 DPLL locks to zero
degrees phase.
Phase Build-out enabled on source switching.
1
freq_monitor_soft_enable
Control to enable frequency monitoring of input
reference sources using soft frequency alarms.
0
1
Soft frequency monitor alarms disabled.
Soft frequency monitor alarms enabled.
0
freq_monitor_hard_enable
Control to enable frequency monitoring of input
reference sources using hard frequency alarms.
0
1
Hard frequency monitor alarms disabled.
Hard frequency monitor alarms enabled.
Address (hex):
48 (cont...)
Register Name cnfg_monitors
Description
(R/W) Configuration register
controlling several input
monitoring and switching options.
Default Value
0000 0101*
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
freq_mon_clk
los_flag_on_
TDO
ultra_fast_
switch
ext_switch
PBO_freeze
PBO_en
freq_monitor_
soft_enable
freq_monitor_
hard_enable
Bit No.
Description
Bit Value
Value Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com