Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 43 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 43 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 39Page - Semtech Corporation ACS8530 Datasheet HTML 40Page - Semtech Corporation ACS8530 Datasheet HTML 41Page - Semtech Corporation ACS8530 Datasheet HTML 42Page - Semtech Corporation ACS8530 Datasheet HTML 43Page - Semtech Corporation ACS8530 Datasheet HTML 44Page - Semtech Corporation ACS8530 Datasheet HTML 45Page - Semtech Corporation ACS8530 Datasheet HTML 46Page - Semtech Corporation ACS8530 Datasheet HTML 47Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 43
www.semtech.com
ACS8530 SETS
Introduction to Microprocessor Modes
The ACS8530 incorporates a microprocessor interface, which can be configured for all common microprocessor
interface types, via the bus interface mode control pins UPSEL(2:0) as defined in Table 19.
These pins are read at power up and set the interface mode.
The optional EPROM mode allows the internal registers to be loaded from the EPROM when the device comes out of
“power-on reset” mode. The microprocessor interface type can be altered after power up by Reg. 7F, such that for
instance the device could boot up in EPROM mode and then switch to Motorola mode, for example, after the EPROM
data has preconditioned the device. Reading of Data from the EPROM at boot up time is handled automatically by the
ACS8530. The chip select of the EPROM should be driven from the micro in the case of mixed EPROM and micro
communication, in order to avoid conflict between EPROM and ACS8530 access from the microprocessor.
The following sections show the interface timings for each interface type.
Timing diagrams for the different microprocessor modes are presented on pages 44 to 52.
Microprocessor Interface
Table 19 Microprocessor Interface Mode Selection
UPSEL(2:0)
Mode
Description
111 (7)
OFF
Interface disabled
110 (6)
OFF
Interface disabled
101 (5)
SERIAL
Serial uP bus interface
100 (4)
MOTOROLA
Motorola interface
011 (3)
INTEL
Intel compatible bus interface
010 (2)
MULTIPLEXED
Multiplexed bus interface
001 (1)
EPROM
EPROM read mode
000 (0)
OFF
Interface disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com