Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 69 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 69 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 65Page - Semtech Corporation ACS8530 Datasheet HTML 66Page - Semtech Corporation ACS8530 Datasheet HTML 67Page - Semtech Corporation ACS8530 Datasheet HTML 68Page - Semtech Corporation ACS8530 Datasheet HTML 69Page - Semtech Corporation ACS8530 Datasheet HTML 70Page - Semtech Corporation ACS8530 Datasheet HTML 71Page - Semtech Corporation ACS8530 Datasheet HTML 72Page - Semtech Corporation ACS8530 Datasheet HTML 73Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 69
www.semtech.com
ACS8530 SETS
Address (hex):
0F
Register Name sts_sources_valid
Description
(RO) 8 most significant bits of the
sts_sources_valid register.
Default Value
0000 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
I14
I13
I12
I11
I10
I9
Bit No.
Description
Bit Value
Value Description
[7:6]
Not used.
-
-
5
I14
Bit indicating if I14 is valid. The input is valid if
either it has no outstanding alarms, or it only has a
soft frequency alarm.
0
1
Input I14 is invalid.
Input I14 is valid.
4
I13
Bit indicating if I13 is valid. The input is valid if
either it has no outstanding alarms, or it only has a
soft frequency alarm.
0
1
Input I13 is invalid.
Input I13 is valid.
3
I12
Bit indicating if I12 is valid. The input is valid if
either it has no outstanding alarms, or it only has a
soft frequency alarm.
0
1
Input I12 is invalid.
Input I12 is valid.
2
I11
Bit indicating if I11 is valid. The input is valid if
either it has no outstanding alarms, or it only has a
soft frequency alarm.
0
1
Input I11 is invalid.
Input I11 is valid.
1
I10
Bit indicating if I10 is valid. The input is valid if
either it has no outstanding alarms, or it only has a
soft frequency alarm.
0
1
Input I10 is invalid.
Input I10 is valid.
0
I9
Bit indicating if I9 is valid. The input is valid if either
it has no outstanding alarms, or it only has a soft
frequency alarm.
0
1
Input I9 is invalid.
Input I9 is valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com