Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 40 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 40 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 36Page - Semtech Corporation ACS8530 Datasheet HTML 37Page - Semtech Corporation ACS8530 Datasheet HTML 38Page - Semtech Corporation ACS8530 Datasheet HTML 39Page - Semtech Corporation ACS8530 Datasheet HTML 40Page - Semtech Corporation ACS8530 Datasheet HTML 41Page - Semtech Corporation ACS8530 Datasheet HTML 42Page - Semtech Corporation ACS8530 Datasheet HTML 43Page - Semtech Corporation ACS8530 Datasheet HTML 44Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 40
www.semtech.com
ACS8530 SETS
Table 15 T0 APLL Frequencies
T0 APLL Frequency
T0 Mode
T0 DPLL Frequency Control Register Bits
Reg. 65 Bits[2:0]
Output Jitter Level
ns (p-p)
311.04
Normal (digital feedback)
000
<0.5
311.04 MHz
Normal (analog feedback)
001
<0.5
98.304 MHz
12E1 (digital feedback)
010
<2
131.072 MHz
16E1 (digital feedback)
011
<2
148.224 MHz
24DS1 (digital feedback)
100
<2
98.816 MHz
16DS1 (digital feedback)
101
<2
-
Do not use
110
-
-
Do not use
111
-
Table 16 T4 APLL Frequencies
T4 APLL
Frequency
T4 Mode
T4 Forward DFS
Frequency
(MHz)
T4 DPLL Frequency
Control Register Bits
Reg. 64 Bits [2:0]
T4 APLL for T0
Enable Register Bit
Reg. 65 Bit 6
T0 Frequency to T4
APLL Register Bits
Reg. 65 Bits [5:4]
Output Jitter Level
ns (p-p)
311.04 MHz
Squelched
77.76
000
0
XX
<0.5
311.04 MHz
Normal
77.76
001
0
XX
<0.5
98.304 MHz
12E1
24.576
010
0
XX
<0.5
131.072 MHz
16E1
32.768
011
0
XX
<0.5
148.224 MHz
24DS1
37.056
(2*18.528)
100
0
XX
<0.5
98.816 MHz
16DS1
24.704
101
0
XX
<0.5
274.944 MHz
E3
68.736
(2*34.368)
110
0
XX
<0.5
178.944 MHz
DS3
44.736
111
0
XX
<0.5
98.304 MHz
T0-12E1
-
XXX
1
00
<2
131.072 MHz
T0-16E1
-
XXX
1
01
<2
148.224 MHz
T0-24DS1
-
XXX
1
10
<2
98.816 MHz
T0-16DS1
-
XXX
1
11
<2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com