Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 33 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 33 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 29Page - Semtech Corporation ACS8530 Datasheet HTML 30Page - Semtech Corporation ACS8530 Datasheet HTML 31Page - Semtech Corporation ACS8530 Datasheet HTML 32Page - Semtech Corporation ACS8530 Datasheet HTML 33Page - Semtech Corporation ACS8530 Datasheet HTML 34Page - Semtech Corporation ACS8530 Datasheet HTML 35Page - Semtech Corporation ACS8530 Datasheet HTML 36Page - Semtech Corporation ACS8530 Datasheet HTML 37Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 33
www.semtech.com
ACS8530 SETS
Figure 11 PLL Block Diagram
However, when the input to the T0 APLL is taken from the
T0 LF output DFS block, the input to that block comes
directly from the T0 77M output DFS block so that a “loop”
is not created.
The T0 output APLL is for multiplying and filtering. The
input to the T0 output APLL can be either 77.76 MHz from
the T0 77M output DFS block or an alternative frequency
from the T0 LF output DFS block (offering 77.76 MHz,
12E1, 16E1, 24DS1 or 16DS1). The frequency from the
T0 output APLL is four times its input frequency i.e.
311.04 MHz when used with a 77.76 MHz input. The T0
output APLL is subsequently divided by 1, 2, 4, 6, 8, 12,
16 and 48 and these are available at the TO1-TO7
outputs.
T4 DPLL & APLL
The T4 path is much simpler than the T0 path. This path
offers no Phase Build-out or phase offset. The T4 input
can be used to either lock to a reference clock input
independent of the T0 path, or lock to the T0 path. Unlike
the T0 path, the T4 forward DFS block does not always
generate 77.76 MHz. The possible frequencies are listed
in the table. Similar to the T0 path, the output of the T4
forward DFS block is generated using DFS clocked by the
204.8 MHz system clock and will have an inherent jitter of
4.9 ns.
The T4 feedback DFS also has the facility to be able to use
the post T4 APLL (jitter-filtered) clock to generate the
feedback locking frequency. Again, this will give the
maximum performance by using a low jitter feedback.
The T4 output APLL block is also for multiplying and
filtering. The input to the T4 output APLL can come either
from the T4 forward DFS block or from the T0 path. The
input to the T4 output APLL can be programmed to be one
of the following:
(a) Output from the T4 forward DFS block (12E1, 24DS1,
16E1, 16DS1, E3, DS3, OC-N),
(b) 12E1 from T0,
(c) 16E1 from T0,
(d) 24DS1 from T0,
(e) 16DS1 from T0.
PFD and
Loop Filter
Forward
DFS
Feedback
DFS
F8530D_017BLOCKDIA_04
TO8 /TO9
TO1 to TO7
PFD and
Loop Filter
Feedback
DFS
77M
Forward
DFS
77M
Output
DFS
LF
Output
DFS
T4
Output
APLL
T4
Output
Dividers
T0
Output
APLL
T0
Feedback
APLL
T0
Output
Dividers
1
0
0
1
0
1
0
1
1
1
0
0
T4 DPLL
T0 DPLL
Analog
Reference
Input
Reference
Input
T4_Dig_Feedback
T0_DPLL_Freq
T4_APLL_for_T0
Lock_T4_to_T0
Control
T4_DPLL_Frequency
Sts_Current_Phase
Sts_Current_Phase
T4_Op_From_TO
8 kHz
T0_DPLL_Frequency
Control
T0_DPLL_Frequency
Control
PBO
Phase
Offset
Locking
Frequency
TO1 to TO7
TO1 to TO7
TO10/TO11
Locking
Frequency
T4
T0
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com