Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 41 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 41 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 37Page - Semtech Corporation ACS8530 Datasheet HTML 38Page - Semtech Corporation ACS8530 Datasheet HTML 39Page - Semtech Corporation ACS8530 Datasheet HTML 40Page - Semtech Corporation ACS8530 Datasheet HTML 41Page - Semtech Corporation ACS8530 Datasheet HTML 42Page - Semtech Corporation ACS8530 Datasheet HTML 43Page - Semtech Corporation ACS8530 Datasheet HTML 44Page - Semtech Corporation ACS8530 Datasheet HTML 45Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 41
www.semtech.com
ACS8530 SETS
T4 Low Frequency Outputs
TO8 is an AMI composite clock output. If enabled, this
always produces a 64 kHz/8 kHz composite clock. If
enabled, TO9 always produces an E1 or DS1 frequency
output. Both TO8 and TO9 are generated by DFS within
either the T0 or T4 path, as controlled by Reg. 35 Bit 4.
The frequencies generated from TO8 and TO9 are
independent of the Mode (frequency) of either the T4 or
the T0 paths. The amount of jitter generated on the TO8
and TO9 outputs will be related to the clock period of the
source DFS block added to any jitter present on that clock.
This is detailed in the following text.
As can be seen in the block diagram, the DFS blocks used
to generate these outputs are the T4 feedback DFS block
in the case of the T4 path and the T0 LF output DFS block
for the T0 path. The T4 feedback DFS block is clocked by
the T4 forward DFS, or its APLL. The frequency of the T4
forward DFS block can be determined by referring to
Table 16 (T4 APLL frequencies). This is in the region of
65 MHz to 89 MHz and can be approximated to have a
period of between 11 ns and 15 ns. The output of the T4
forward DFS block will have an inherent p-p jitter of
approximately 4.9 ns.The clock to the T4 feedback DFS
block will have <1 ns of jitter when the T4 path is in analog
feedback mode (Reg. 35 Bit 6 = 0). However, it will have
4.9 ns when in digital feedback mode.
The TO8 output, being 64 kHz/8 kHz, can be directly
divided from the clock to the T4 feedback DFS block;
therefore, it will have a similar amount of jitter on it, i.e.
<1 ns when using analog feedback, and 4.9 ns when
using digital feedback.
The TO9 output will have more jitter because it is
synthesized from the clock to the T4 feedback DFS block.
The jitter, in addition to that present on the clock to the T4
feedback DFS block, will be equivalent to a period of that
clock, i.e. between 11 ns and 15 ns. The jitter present on
the TO9 output will range from 11 ns (when the T4 path is
in DS3 mode - 89 MHz combined with analog feedback) to
20 ns (when in 16E1 mode - 65 MHz combined with
digital feedback).
Table 17 TO1 - TO7 Output Frequency Selection
Output Frequency for given “Value in Register” for each Output Port’s Cnfg_output_frequency Register
Value in Register
TO1, Reg. 60
Bits [3:0]
TO2, Reg. 60
Bits [7:4]
TO3, Reg. 61
Bits [3:0]
TO4, Reg. 61
Bits [7:4]
TO5, Reg. 62
Bits [3:0]
TO6, Reg. 62
Bits [7:4]
TO7, Reg. 63
Bits [3:0]
0000
Off
Off
Off
Off
Off
Off
Off
0001
2 kHz
2 kHz
2 kHz
2 kHz
2 kHz
2 kHz
2 kHz
0010
8 kHz
8 kHz
8 kHz
8 kHz
8 kHz
8 kHz
8 kHz
0011
Digital2
Digital2
Digital2
Digital2
Digital2
T0 APLL/2
Digital2
0100
Digital1
Digital1
Digital1
Digital1
Digital1
Digital1
T0 APLL/2
0101
T0 APLL/48
T0 APLL/48
T0 APLL/48
T0 APLL/48
T0 APLL/48
T0 APLL/1
T0 APLL/48
0110
T0 APLL/16
T0 APLL/16
T0 APLL/16
T0 APLL/16
T0 APLL/16
T0 APLL/16
T0 APLL/16
0111
T0 APLL/12
T0 APLL/12
T0 APLL/12
T0 APLL/12
T0 APLL/12
T0 APLL/12
T0 APLL/12
1000
T0 APLL/8
T0 APLL/8
T0 APLL/8
T0 APLL/8
T0 APLL/8
T0 APLL/8
T0 APLL/8
1001
T0 APLL/6
T0 APLL/6
T0 APLL/6
T0 APLL/6
T0 APLL/6
T0 APLL/6
T0 APLL/6
1010
T0 APLL/4
T0 APLL/4
T0 APLL/4
T0 APLL/4
T0 APLL/4
T0 APLL/4
T0 APLL/4
1011
T4 APLL/64
T4 APLL/64
T4 APLL/64
T4 APLL/2
T4 APLL/2
T4 APLL/64
T4 APLL/64
1100
T4 APLL/48
T4 APLL/48
T4 APLL/48
T4 APLL/48
T4 APLL/48
T4 APLL/48
T4 APLL/48
1101
T4 APLL/16
T4 APLL/16
T4 APLL/16
T4 APLL/16
T4 APLL/16
T4 APLL/16
T4 APLL/16
1110
T4 APLL/8
T4 APLL/8
T4 APLL/8
T4 APLL/8
T4 APLL/8
T4 APLL/8
T4 APLL/8
1111
T4 APLL/4
T4 APLL/4
T4 APLL/4
T4 APLL/4
T4 APLL/4
T4 APLL/4
T4 APLL/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com