Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 99 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 99 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 95Page - Semtech Corporation ACS8530 Datasheet HTML 96Page - Semtech Corporation ACS8530 Datasheet HTML 97Page - Semtech Corporation ACS8530 Datasheet HTML 98Page - Semtech Corporation ACS8530 Datasheet HTML 99Page - Semtech Corporation ACS8530 Datasheet HTML 100Page - Semtech Corporation ACS8530 Datasheet HTML 101Page - Semtech Corporation ACS8530 Datasheet HTML 102Page - Semtech Corporation ACS8530 Datasheet HTML 103Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 99
www.semtech.com
ACS8530 SETS
Address (hex):
4B
Register Name cnfg_registers_source_select
Description
(R/W) Register to select the
source of many of the registers.
Default Value
0000 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
T4_T0_select
frequency_measurement_channel_select
Bit No.
Description
Bit Value
Value Description
[7:5]
Not used.
-
-
4
T4_T0_select
Bit to select between the T0 and T4 path for:
Reg. 0A, 0B (sts_priority_table)
Reg. 0C, 0D and 07 (sts_current_DPLL_frequency)
Reg. 18 to 1E (cnfg_ref_selection_priority)
Reg. 77, 78 (sts_current_phase)
0
1
T0 path registers selected.
T4 path registers selected.
[3:0]
frequency_measurement_channel_select
Register to select which input channel the
frequency measurement result in Reg. 4C
(sts_freq_measurement) is taken from.
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
Not used- refers to no input channel.
Frequency measurement taken from input I1.
Frequency measurement taken from input I2.
Frequency measurement taken from input I3.
Frequency measurement taken from input I4.
Frequency measurement taken from input I5.
Frequency measurement taken from input I6.
Frequency measurement taken from input I7.
Frequency measurement taken from input I8.
Frequency measurement taken from input I9.
Frequency measurement taken from input I10.
Frequency measurement taken from input I11.
Frequency measurement taken from input I12.
Frequency measurement taken from input I13.
Frequency measurement taken from input I14.
Not used- refers to no input channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com