Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 89 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 89 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 85Page - Semtech Corporation ACS8530 Datasheet HTML 86Page - Semtech Corporation ACS8530 Datasheet HTML 87Page - Semtech Corporation ACS8530 Datasheet HTML 88Page - Semtech Corporation ACS8530 Datasheet HTML 89Page - Semtech Corporation ACS8530 Datasheet HTML 90Page - Semtech Corporation ACS8530 Datasheet HTML 91Page - Semtech Corporation ACS8530 Datasheet HTML 92Page - Semtech Corporation ACS8530 Datasheet HTML 93Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 89
www.semtech.com
ACS8530 SETS
Address (hex):
3D
Register Name cnfg_nominal_frequency
[15:8]
Description
(R/W) Bits [15:8] of the register
used to calibrate the crystal
oscillator used to clock the
device.
Default Value
1001 1001
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
cnfg_nominal_frequency_value[15:8]
Bit No.
Description
Bit Value
Value Description
[7:0]
cnfg_nominal_frequency_value[15:8]
This register is used in conjunction with Reg. 3C
(cnfg_nominal_frequency_value[7:0]) to be able to
offset the frequency of the crystal oscillator by up to
+514 ppm and –771 ppm. The default value
represents 0ppm offset from 12.800 MHz.
This value is an unsigned integer.
The value in Reg. 3C/3D is used within the DPLL to
offset the frequency value used in the DPLL only.
This means that the value programmed will affect
the value reported in the
sts_current_DPLL_frequency (Reg 07/0D/0C). It
will also affect the value programmed into
holdover_frequency_value in the
cnfg_holdover_frequency register (Reg 3E/3F/40)
and the DPLL frequency offset limit programmed
into the cnfg_DPLL_freq_limit (Reg 41/42). It must
be noted, however, that this “calibrated” frequency
is NOT used in the frequency monitors affecting
Regs 49, 4A, 4C & 4D. These registers
(cnfg_freq_mon_threshold,
cnfg_current_freq_mon_ threshold,
sts_freq_measurement, cnfg_DPLL_soft_limit)
which all use the uncalibrated crystal frequency.
The frequency monitors can also use the clock from
the output of the DPLL by programming bit
freq_mon_clock in cnfg_monitors (Reg 48).
-
In order to program the ppm offset of the crystal
oscillator frequency, the value in Reg. 3C and
Reg. 3D need to be concatenated. This value is an
unsigned integer. The value multiplied by
0.0196229 dec will give the value in ppm. To
calculate the absolute value, the default 39321
(9999 hex) needs to be subtracted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com