Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 80 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 80 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 76Page - Semtech Corporation ACS8530 Datasheet HTML 77Page - Semtech Corporation ACS8530 Datasheet HTML 78Page - Semtech Corporation ACS8530 Datasheet HTML 79Page - Semtech Corporation ACS8530 Datasheet HTML 80Page - Semtech Corporation ACS8530 Datasheet HTML 81Page - Semtech Corporation ACS8530 Datasheet HTML 82Page - Semtech Corporation ACS8530 Datasheet HTML 83Page - Semtech Corporation ACS8530 Datasheet HTML 84Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 80
www.semtech.com
ACS8530 SETS
0
I1
Bit enabling input I1 to be considered for locking to.
If this bit is not set, then even if this input I1 is valid,
it will still not appear in Reg. 0A and 0B
(sts_priority_table).
0
1
Locking to input I1 disallowed.
Locking to input I1 allowed.
Address (hex):
31
Register Name cnfg_sts_remote_sources_valid
Description
(R/W) Bits [13:8] of the remote
sources valid register. A register
used to disable source that are
invalid in another device in a
redundancy pair.
Default Value
0011 1111
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
I14
I13
I12
I11
I10
I9
Bit No.
Description
Bit Value
Value Description
[7:6]
Not used.
-
-
5
I14
Bit enabling input I14 to be considered for locking
to. If this bit is not set, then even if this input I14 is
valid, it will still not appear in Reg. 0A and 0B
(sts_priority_table).
0
1
Locking to input I14 disallowed.
Locking to input I14 allowed.
4
I13
Bit enabling input I13 to be considered for locking
to. If this bit is not set, then even if this input I13 is
valid, it will still not appear in Reg. 0A and 0B
(sts_priority_table).
0
1
Locking to input I13 disallowed.
Locking to input I13 allowed.
3
I12
Bit enabling input I12 to be considered for locking
to. If this bit is not set, then even if this input I12 is
valid, it will still not appear in Reg. 0A and 0B
(sts_priority_table).
0
1
Locking to input I12 disallowed.
Locking to input I12 allowed.
Address (hex):
30 (cont...)
Register Name cnfg_sts_remote_sources_valid
Description
(R/W) Bits [7:0] of the remote
sources valid register. A register
used to disable sources that are
invalid in another device in a
redundancy pair.
Default Value
1111 1111
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
I8
I7
I6
I5
I4
I3
I2
I1
Bit No.
Description
Bit Value
Value Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com