Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 95 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 95 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 91Page - Semtech Corporation ACS8530 Datasheet HTML 92Page - Semtech Corporation ACS8530 Datasheet HTML 93Page - Semtech Corporation ACS8530 Datasheet HTML 94Page - Semtech Corporation ACS8530 Datasheet HTML 95Page - Semtech Corporation ACS8530 Datasheet HTML 96Page - Semtech Corporation ACS8530 Datasheet HTML 97Page - Semtech Corporation ACS8530 Datasheet HTML 98Page - Semtech Corporation ACS8530 Datasheet HTML 99Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 95
www.semtech.com
ACS8530 SETS
1
AMI1_Viol
Mask bit for AMI1_Viol interrupt.
0
1
Input I1 cannot generate AMI violation interrupts.
Input I1 can generate AMI violation interrupts.
0
AMI1_LOS
Mask bit for AMI1_LOS interrupt.
0
1
Input I1 cannot generate AMI LOS interrupts.
Input I1 can generate AMI LOS interrupts.
Address (hex):
45 (cont...)
Register Name cnfg_interrupt_mask
[23:16]
Description
(R/W) Bits [23:16] of the interrupt
mask register.
Default Value
0000 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
Sync_ip_alarm
T4_status
phasemon_
alarm
T4_inputs_
failed
AMI2_Viol
AMI2_LOS
AMI1_Viol
AMI1_LOS
Bit No.
Description
Bit Value
Value Description
Address (hex):
46
Register Name cnfg_freq_divn
[7:0]
Description
(R/W) Bits [7:0] of the division
factor for inputs using the DivN
feature.
Default Value
1111 1111
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
divn_value[7:0]
Bit No.
Description
Bit Value
Value Description
[7:0]
divn_value[7:0]
-
See Reg. 47 (cnfg_freq_divn) for details.
Address (hex):
47
Register Name cnfg_freq_divn
[13:8]
Description
(R/W) Bits [13:8] of the division
factor for inputs using the DivN
feature.
Default Value
0011 1111
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
divn_value[13:8]
Bit No.
Description
Bit Value
Value Description
[7:6]
Not used.
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com