Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 79 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 79 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 75Page - Semtech Corporation ACS8530 Datasheet HTML 76Page - Semtech Corporation ACS8530 Datasheet HTML 77Page - Semtech Corporation ACS8530 Datasheet HTML 78Page - Semtech Corporation ACS8530 Datasheet HTML 79Page - Semtech Corporation ACS8530 Datasheet HTML 80Page - Semtech Corporation ACS8530 Datasheet HTML 81Page - Semtech Corporation ACS8530 Datasheet HTML 82Page - Semtech Corporation ACS8530 Datasheet HTML 83Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 79
www.semtech.com
ACS8530 SETS
Address (hex):
30
Register Name cnfg_sts_remote_sources_valid
Description
(R/W) Bits [7:0] of the remote
sources valid register. A register
used to disable sources that are
invalid in another device in a
redundancy pair.
Default Value
1111 1111
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
I8
I7
I6
I5
I4
I3
I2
I1
Bit No.
Description
Bit Value
Value Description
7
I8
Bit enabling input I8 to be considered for locking to.
If this bit is not set, then even if this input I8 is valid,
it will still not appear in Reg. 0A and 0B
(sts_priority_table).
0
1
Locking to input I8 disallowed.
Locking to input I8 allowed.
6
I7
Bit enabling input I7 to be considered for locking to.
If this bit is not set, then even if this input I7 is valid,
it will still not appear in Reg. 0A and 0B
(sts_priority_table).
0
1
Locking to input I7 disallowed.
Locking to input I7 allowed.
5
I6
Bit enabling input I6 to be considered for locking to.
If this bit is not set, then even if this input I6 is valid,
it will still not appear in Reg. 0A and 0B
(sts_priority_table).
0
1
Locking to input I6 disallowed.
Locking to input I6 allowed.
4
I5
Bit enabling input I5 to be considered for locking to.
If this bit is not set, then even if this input I5 is valid,
it will still not appear in Reg. 0A and 0B
(sts_priority_table).
0
1
Locking to input I5 disallowed.
Locking to input I5 allowed.
3
I4
Bit enabling input I4 to be considered for locking to.
If this bit is not set, then even if this input I4 is valid,
it will still not appear in Reg. 0A and 0B
(sts_priority_table).
0
1
Locking to input I4 disallowed.
Locking to input I4 allowed.
2
I3
Bit enabling input I3 to be considered for locking to.
If this bit is not set, then even if this input I3 is valid,
it will still not appear in Reg. 0A and 0B
(sts_priority_table).
0
1
Locking to input I3 disallowed.
Locking to input I3 allowed.
1
I2
Bit enabling input I2 to be considered for locking to.
If this bit is not set, then even if this input I2 is valid,
it will still not appear in Reg. 0A and 0B
(sts_priority_table).
0
1
Locking to input I2 disallowed.
Locking to input I2 allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com