Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 91 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 91 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 87Page - Semtech Corporation ACS8530 Datasheet HTML 88Page - Semtech Corporation ACS8530 Datasheet HTML 89Page - Semtech Corporation ACS8530 Datasheet HTML 90Page - Semtech Corporation ACS8530 Datasheet HTML 91Page - Semtech Corporation ACS8530 Datasheet HTML 92Page - Semtech Corporation ACS8530 Datasheet HTML 93Page - Semtech Corporation ACS8530 Datasheet HTML 94Page - Semtech Corporation ACS8530 Datasheet HTML 95Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 91
www.semtech.com
ACS8530 SETS
Address (hex):
40
Register Name cnfg_holdover_modes
Description
(R/W) Register to control the
Holdover modes of the T0 DPLL.
Default Value
1000 1000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
auto_averaging fast_averaging
read_average
mini_holdover_mode
holdover_frequency_value [18:16]
Bit No.
Description
Bit Value
Value Description
7
auto_averaging
Bit to enable the use of the averaged frequency
value during Holdover. This bit is overridden by the
manual Holdover control (Bit 4, man_holdover, in
Reg. 34).
0
1
Averaged frequency not used, Holdover frequency
either manual or instantaneously frozen.
Averaged frequency used, providing manual
Holdover mode is not engaged.
6
fast_averaging
Bit to control the rate of averaging of the Holdover
frequency. Fast averaging gives a -3db response
point of approximately 8 minutes. Slow averaging
give a -3db response point of approximately 110
minutes.
0
1
Slow Holdover frequency averaging enabled.
Fast Holdover frequency averaging enabled.
5
read_average
Bit to control whether the value read from the
holdover_frequency_value register is the value
written to that register, or the averaged Holdover
frequency. This allows software to use the internal
averager as part of the Holdover algorithm, but use
manual Holdover mode plus software to enhance
the performance.
0
1
Value read from a holdover_frequency_value is the
value written to it.
Value read from a holdover_frequency_value is
either the fast or slow averaged frequency as
determined by fast_averaging.
[4:3]
mini_holdover_mode
Mini-holdover is a term used to describe the state of
the DPLL when it is in locked mode, but it has
temporarily lost its input. This may be a temporary
state, or last for many seconds whilst an input is
checked for inactivity. The DPLL behaves exactly as
in Holdover, and the frequency can be determined
in the same selection of ways (instantaneously, fast
averaged or slow averaged).
00
01
10
11
Mini-holdover frequency determined in the same
way as for full Holdover mode.
Mini-holdover frequency frozen instantaneously.
Mini-holdover frequency taken from fast averager.
Mini-holdover frequency taken from slow averager.
[2:0]
holdover_frequency_value [18:16]
-
See Reg. 3F (cnfg_holdover_frequency) for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com