Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 76 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 76 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 72Page - Semtech Corporation ACS8530 Datasheet HTML 73Page - Semtech Corporation ACS8530 Datasheet HTML 74Page - Semtech Corporation ACS8530 Datasheet HTML 75Page - Semtech Corporation ACS8530 Datasheet HTML 76Page - Semtech Corporation ACS8530 Datasheet HTML 77Page - Semtech Corporation ACS8530 Datasheet HTML 78Page - Semtech Corporation ACS8530 Datasheet HTML 79Page - Semtech Corporation ACS8530 Datasheet HTML 80Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 76
www.semtech.com
ACS8530 SETS
[3:0]
cnfg_ref_selection_priority_13
This 4-bit value represents the relative priority of
input I13. The smaller the number, the higher the
priority; zero disables the input.
*When Bit 4 (T4_T0_select) of Reg. 4B
(cnfg_registers_source_select) = 0 the priority for
the T0 path is configured.
When this Bit 4 = 1 the priority for the T4 path is
configured.
0000
0001-1111
Input I13 unavailable for automatic selection.
Input I13 priority value.
Address (hex):
20
Register Name cnfg_ref_source_frequency
_1
Description
(R/W) Configuration of the
frequency and input monitoring
for input I1.
Default Value
0000 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
Set to zero
bucket_id_1
Set to zero
Bit No.
Description
Bit Value
Value Description
[7:6]
Set to zero
00
Set to zero
[5:4]
bucket_id_1
Every input has its own Leaky Bucket used for
activity monitoring. There are four possible
configurations for each Leaky Bucket- see Reg. 50
to Reg. 5F. This 2-bit field selects the configuration
used for input I1.
00
01
10
11
Input I1 activity monitor uses Leaky Bucket
Configuration 0.
Input I1 activity monitor uses Leaky Bucket
Configuration 1.
Input I1 activity monitor uses Leaky Bucket
Configuration 2.
Input I1 activity monitor uses Leaky Bucket
Configuration 3.
[3:0]
Set to zero
0000
8 kHz only
Address (hex):
1E (cont...)
Register Name cnfg_ref_selection_priority
(13 & 14)
Description
(R/W) Configures the relative
priority of input sources I13 and
I14.
Default Value
(T0)*
(T4)*
1111 1110
0000 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
cnfg_ref_selection_priority_14
cnfg_ref_selection_priority_13
Bit No.
Description
Bit Value
Value Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com