Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 83 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 83 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 79Page - Semtech Corporation ACS8530 Datasheet HTML 80Page - Semtech Corporation ACS8530 Datasheet HTML 81Page - Semtech Corporation ACS8530 Datasheet HTML 82Page - Semtech Corporation ACS8530 Datasheet HTML 83Page - Semtech Corporation ACS8530 Datasheet HTML 84Page - Semtech Corporation ACS8530 Datasheet HTML 85Page - Semtech Corporation ACS8530 Datasheet HTML 86Page - Semtech Corporation ACS8530 Datasheet HTML 87Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 83
www.semtech.com
ACS8530 SETS
Address (hex):
34
Register Name cnfg_input_mode
Description
(Bit 1 RO, otherwise R/W)
Register controlling various input
modes of the device.
Default Value
1100 0010*
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
auto_extsync_
en
phalarm_time-
out
XO_edge
man_holdover
extsync_en
ip_sonsdhb
master_slaveb
reversion_mode
Bit No.
Description
Bit Value
Value Description
7
auto_extsync_en
Bit to enable automatic enabling of the external
Frame Sync input when locked to source defined in
Reg. 7C[3:0] (Sync_reference_source).
0
1
External Frame Sync enabled/disabled according to
extsync_en.
External Frame Sync enabled if extsync_en = 1 AND
T0 DPLL locked to source assigned to
Sync_reference_source.
6
phalarm_timeout
Bit to enable the automatic time-out facility on
phase alarms. When enabled, any source with a
phase alarm set will have its phase alarm cancelled
after 128 seconds.
0
1
Phase alarms on sources only cancelled by
software.
Phase alarms on sources automatically time out.
5
XO_edge
If the 12.800 MHz oscillator module connected to
REFCLK has one edge faster than the other, then for
jitter performance reasons, the faster edge should
be selected. This bit allows either the rising edge or
the falling edge to be selected.
0
1
Device uses the rising edge of the external
oscillator.
Device uses the falling edge of the external
oscillator.
4
man_holdover
Bit to select whether or not the Holdover frequency
is taken directly from Reg. 3E/Reg. 3F/Reg. 40
(cnfg_holdover_frequency). If this bit is set then it
overrides any other Holdover control bits.
0
1
Holdover frequency is determined automatically.
Holdover frequency is taken from
cnfg_holdover_frequency register.
3
extsync_en
Bit to select whether or not the T0 DPLL will look for
a reference Sync pulse on the SYNC2K input pin.
Even though this bit may enable the external Sync
reference, it may be disabled according to
auto_extsync_en.
0
1
No external Sync signal- SYNC2K pin ignored.
External Sync derived from SYNC2K pin according
to auto_extsync_en.
2
ip_sonsdhb
Bit to configure input frequencies to be either
SONET or SDH derived. This applies only to
selections of 0001 (bin) in the
cnfg_ref_source_frequency registers when the
input frequency is either 1544 kHz or 2048 kHz.
of the SONSDHB pin at power-up.
Note...this bit affects the SONET/SDH output on
TO9-refer to Reg. 64 Bit 4 and Reg. 35 Bit 4.
*The default value of this bit is taken from the value
of the SONSDHB pin at power-up.
0
1
SDH- inputs set to 0001 expected to be 2048 kHz.
SONET- inputs set to 0001 expected to be
1544 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com