Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 96 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 96 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 92Page - Semtech Corporation ACS8530 Datasheet HTML 93Page - Semtech Corporation ACS8530 Datasheet HTML 94Page - Semtech Corporation ACS8530 Datasheet HTML 95Page - Semtech Corporation ACS8530 Datasheet HTML 96Page - Semtech Corporation ACS8530 Datasheet HTML 97Page - Semtech Corporation ACS8530 Datasheet HTML 98Page - Semtech Corporation ACS8530 Datasheet HTML 99Page - Semtech Corporation ACS8530 Datasheet HTML 100Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 96
www.semtech.com
ACS8530 SETS
[5:0]
divn_value[13:8]
This register, in conjunction with Reg. 46
(cnfg_freq_divn) represents the integer value by
which to divide inputs that use the DivN pre-divider.
The divn feature supports input frequencies up to a
maximum of 100 MHz; therefore, the maximum
value that should be written to this register is 30D3
hex (12499 dec). Use of higher DivN values may
result in unreliable behavior.
-
The input frequency will be divided by the value in
this register plus 1. i.e. to divide by 8, program a
value of 7.
Address (hex):
48
Register Name cnfg_monitors
Description
(R/W) Configuration register
controlling several input
monitoring and switching options.
Default Value
0000 0101*
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
freq_mon_clk
los_flag_on_
TDO
ultra_fast_
switch
ext_switch
PBO_freeze
PBO_en
freq_monitor_
soft_enable
freq_monitor_
hard_enable
Bit No.
Description
Bit Value
Value Description
7
freq_mon_clk
Bit to select the source of the clock to the frequency
monitors to be either from the output clock or
directly from the crystal oscillator.
0
1
Frequency monitors clocked by output of TO DPLL.
Frequency monitors clocked by crystal oscillator
frequency.
6
los_flag_on_TDO
Bit to select whether the main_ref_fail interrupt
from the T0 DPLL is flagged on the TDO pin. If
enabled this will not strictly conform to the IEEE
1149.1 JTAG standard for the function of the TDO
pin. When enabled the TDO pin will simply mimic the
state of the main_ref_fail interrupt status bit.
0
1
Normal mode, TDO complies with IEEE 1149.1.
TDO pin used to indicate the state of the
main_ref_fail interrupt status. This allows a system
to have a hardware indication of a source failure
very rapidly.
5
ultra_fast_switch
Bit to enable ultra-fast switching mode. When in this
mode, the device will disqualify a locked-to source
as soon as it detects a few missing input cycles.
0
1
Currently selected source only disqualified by Leaky
Bucket or frequency monitors.
Currently selected source disqualified after less
than 3 missing input cycles.
Address (hex):
47 (cont...)
Register Name cnfg_freq_divn
[13:8]
Description
(R/W) Bits [13:8] of the division
factor for inputs using the DivN
feature.
Default Value
0011 1111
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
divn_value[13:8]
Bit No.
Description
Bit Value
Value Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com