| Electronic Components Datasheet Search |
|
ACS8530 Datasheet(PDF) 74 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
ACS8530 Datasheet(HTML) 74 Page - Semtech Corporation |
|
74 / 152 page ![]() ADVANCED COMMUNICATIONS FINAL DATASHEET Revision 3.02/November 2005 © Semtech Corp. Page 74 www.semtech.com ACS8530 SETS [3:0] cnfg_ref_selection_priority_9 This 4-bit value represents the relative priority of input I9. The smaller the number, the higher the priority; zero disables the input. *When Bit 4 (T4_T0_select) of Reg. 4B (cnfg_registers_source_select) = 0 the priority for the T0 path is configured. When this Bit 4 = 1 the priority for the T4 path is configured. 0000 0001-1111 Input I9 unavailable for automatic selection. Input I9 priority value. Address (hex): 1D Register Name cnfg_ref_selection_priority (11 & 12) Description (R/W) Configures the relative priority of input sources I11 and I12. Default Value (T0)* (T4)* 1101 1100 0000 0000 Bit 7Bit 6 Bit 5Bit 4 Bit 3 Bit 2Bit 1Bit 0 cnfg_ref_selection_priority_12 cnfg_ref_selection_priority_11 Bit No. Description Bit Value Value Description [7:4] cnfg_ref_selection_priority_12 This 4-bit value represents the relative priority of input I12. The smaller the number, the higher the priority; zero disables the input. *When Bit 4 (T4_T0_select) of Reg. 4B (cnfg_registers_source_select) = 0 the priority for the T0 path is configured. When this Bit 4 = 1 the priority for the T4 path is configured. 0000 0001-1111 Input I12 unavailable for automatic selection. Input I12 priority value. Address (hex): 1C (cont...) Register Name cnfg_ref_selection_priority (9 & 10) Description (R/W) Configures the relative priority of input sources I9 and I10. Default Value (T0)* (T4)* 1011 1010 1011 1010 Bit 7Bit 6 Bit 5Bit 4 Bit 3 Bit 2Bit 1Bit 0 cnfg_ref_selection_priority_10 cnfg_ref_selection_priority_9 Bit No. Description Bit Value Value Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |