Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 65 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 65 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 61Page - Semtech Corporation ACS8530 Datasheet HTML 62Page - Semtech Corporation ACS8530 Datasheet HTML 63Page - Semtech Corporation ACS8530 Datasheet HTML 64Page - Semtech Corporation ACS8530 Datasheet HTML 65Page - Semtech Corporation ACS8530 Datasheet HTML 66Page - Semtech Corporation ACS8530 Datasheet HTML 67Page - Semtech Corporation ACS8530 Datasheet HTML 68Page - Semtech Corporation ACS8530 Datasheet HTML 69Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 65
www.semtech.com
ACS8530 SETS
Address (hex):
0A
Register Name sts_priority_table
Description
(RO) Bits [7:0] of the validated
priority table.
Default Value
0000 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
Highest priority validated source
Currently selected source
Bit No.
Description
Bit Value
Value Description
[7:4]
Highest priority validated source
Reports the input channel number of the highest
priority validated source.
Note...If an input is valid and it does not appear in
this field when otherwise it might, then the input
may have been disallowed in Reg. 30 and Reg. 31
(cnfg_sts_remote_sources_valid).
*When Bit 4 (T4_T0_select) of Reg. 4B
(cnfg_registers_source_select) = 0 the highest
priority validated source for the T0 path is reported.
When this Bit 4 = 1 the highest priority validated
source for the T4 path is reported.
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
No valid source available.
Input I1 is the highest priority valid source.
Input I2 is the highest priority valid source.
Input I3 is the highest priority valid source.
Input I4 is the highest priority valid source.
Input I5 is the highest priority valid source.
Input I6 is the highest priority valid source.
Input I7 is the highest priority valid source.
Input I8 is the highest priority valid source.
Input I9 is the highest priority valid source.
Input I10 is the highest priority valid source.
Input I11 is the highest priority valid source.
Input I12 is the highest priority valid source.
Input I13 is the highest priority valid source.
Input I14 is the highest priority valid source.
Not used.
[3:0]
Currently selected source
Reports the input channel number of the currently
selected source. When in Non-revertive mode, this
is not necessarily the same as the highest priority
validated source.
Note...If an input is valid and it does not appear in
this field when otherwise it might, then the input
may have been disallowed in Reg. 30 and Reg. 31
(cnfg_sts_remote_sources_valid).
*When Bit 4 (T4_T0_select) of Reg. 4B
(cnfg_registers_source_select) = 0 the currently
selected source for the T0 path is reported.
When this Bit 4 = 1 the currently selected source for
the T4 path is reported. The T4 path does not have
a Non-revertive mode so this will always be the
same as the highest priority validated source.
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
No source currently selected.
Input I1 is the currently selected source.
Input I2 is the currently selected source.
Input I3 is the currently selected source.
Input I4 is the currently selected source.
Input I5 is the currently selected source.
Input I6 is the currently selected source.
Input I7 is the currently selected source.
Input I8 is the currently selected source.
Input I9 is the currently selected source.
Input I10 is the currently selected source.
Input I11 is the currently selected source.
Input I12 is the currently selected source.
Input I13 is the currently selected source.
Input I14 is the currently selected source.
Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com