Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 22 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 18Page - Semtech Corporation ACS8530 Datasheet HTML 19Page - Semtech Corporation ACS8530 Datasheet HTML 20Page - Semtech Corporation ACS8530 Datasheet HTML 21Page - Semtech Corporation ACS8530 Datasheet HTML 22Page - Semtech Corporation ACS8530 Datasheet HTML 23Page - Semtech Corporation ACS8530 Datasheet HTML 24Page - Semtech Corporation ACS8530 Datasheet HTML 25Page - Semtech Corporation ACS8530 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 22
www.semtech.com
ACS8530 SETS
the coarse phase detector range, since these functions go
hand in hand. This detector may be used in the case
where it is required that a phase loss indication is not
given for reasonable amounts of input jitter and so the
fine phase loss detector is disabled and the coarse
detector is used instead.
Damping Factor Programmability
The DPLL damping factor is set by default to provide a
maximum wander gain peak of around 0.1 dB. Many of
the specifications (e.g. GR-1244-CORE[19], G.812[10] and
G.813[11]) specify a wander transfer gain of less than
0.2 dB. GR-253[17] specifies jitter (not wander) transfer of
less than 0.1 dB. To accommodate the required levels of
transfer gain, the ACS8530 provides a choice of damping
factors, with more choice given as the bandwidth setting
increases into the frequency regions classified as jitter.
Table 5 shows which damping factors are available for
selection at the different bandwidth settings, and what
the corresponding jitter transfer approximate gain peak
will be.
Local Oscillator Clock
The Master system clock on the ACS8530 should be
provided by an external clock oscillator of frequency
12.800 MHz. The clock specification is important for
meeting the AT&T, ITU/ETSI and Telcordia performance
requirements for Holdover mode. Telcordia specifications
require a non-temperature-related drift of less than 1 ppb
per day and a drift of 10 ppb over the temperature range
0 to +50°C.
Telcordia GR-1244 Specification
Notes: (i) Figure quoted is for long-term drift over the range
0°C to +40
°C, but for short-term (<96 hours) the range is
-5°C to +50°C.
Max rate of drift = ±30°C/hr.
(ii) Determined by external XO
Please contact Semtech for information on crystal
oscillator suppliers.
Crystal Frequency Calibration
The absolute crystal frequency accuracy is less important
than the stability since any frequency offset can be
compensated by adjustment of register values in the IC.
This allows for calibration and compensation of any
crystal frequency variation away from its nominal value.
± 50 ppm adjustment would be sufficient to cope with
most crystals, in fact the range is an order of magnitude
larger due to the use of two 8-bit register locations. The
setting of the cnfg_nominal_frequency register allows for
this adjustment. An increase in the register value
increases the output frequencies by 0.0196229 ppm for
each LSB step.
Note...The default register value (in decimal) = 39321
(9999 hex) = 0 ppm offset. The minimum to maximum offset
range of the register is 0 to 65535 dec, giving an adjustment
range of -771 ppm to +514 ppm of the output frequencies, in
0.0196229 ppm steps. Example: If the crystal was oscillating
at 12.8 MHz + 5 ppm, then the calibration value in the register
to give a - 5 ppm adjustment in output frequencies to
compensate for the crystal inaccuracy, would be:
39321 - (5 / 0.0196229) = 39066 (dec) = 989A (hex).
Table 5 Available Damping Factors for different DPLL
Bandwidths, and associated Jitter Peak Values
Bandwidth
Reg. 6B [2:0]
Damping
Factor selected
Gain Peak/ dB
0.5 mHz to 4 Hz 1, 2, 3, 4, 5
5
0.1
8 Hz
1
2.5
0.2
2, 3, 4, 5
5
0.1
18 Hz
1
1.2
0.4
22.5
0.2
3, 4, 5
5
0.1
35 Hz
1
1.2
0.4
22.5
0.2
350.1
4, 5
10
0.06
70 Hz
1
1.2
0.4
22.5
0.2
350.1
410
0.06
520
0.03
Table 6 Stratum 3E Specification
Parameter
Value
Initial Offset
±1 x 10-9
Offset Over Temperature (Note i)
±10 x 10-9 (Note ii)
Drift Rate Due to Ageing
±1.16 x 10-14/second (Note ii)
(= 1 x 10-9/day)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com