Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 35 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 35 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 31Page - Semtech Corporation ACS8530 Datasheet HTML 32Page - Semtech Corporation ACS8530 Datasheet HTML 33Page - Semtech Corporation ACS8530 Datasheet HTML 34Page - Semtech Corporation ACS8530 Datasheet HTML 35Page - Semtech Corporation ACS8530 Datasheet HTML 36Page - Semtech Corporation ACS8530 Datasheet HTML 37Page - Semtech Corporation ACS8530 Datasheet HTML 38Page - Semtech Corporation ACS8530 Datasheet HTML 39Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 35
www.semtech.com
ACS8530 SETS
Table 13 Output Frequency Selection
Frequency (MHz, unless stated otherwise)
T0 DPLL Mode
T4 DPLL Mode
T4 APLL Input Mux
Jitter Level (typ)
rms
(ps)
p-p
(ns)
2 kHz
77.76 MHz Analog
-
-
60
0.6
2 kHz
Any digital feedback mode
-
-
1400
5.0
8 kHz
77.76 MHz Analog
-
-
60
0.6
8 kHz
Any digital feedback mode
-
-
1400
5.0
1.536
(not TO4/TO5)
-
12E1 mode
Select T4 DPLL
500
2.3
1.536
(not TO4/TO5)
-
-
Select T0 DPLL 12E1
250
1.5
1.544
(not TO4/TO5)
-
16DS1 mode
Select T4 DPLL
200
1.2
1.544
(not TO4/TO5)
-
-
Select T0 DPLL 16DS1
150
1.0
1.544
via Digital1 (not TO7) or Digital2 (not TO6) 77.76 MHz Analog
-
-
3800
13
1.544
via Digital1 (not TO7) or Digital2 (not TO6) Any digital feedback mode
-
-
3800
18
2.048
-
12E1 mode
Select T4 DPLL
500
2.3
2.048
-
-
Select T0 DPLL 12E1
250
1.5
2.048
(not TO4/TO5)
-
16E1 mode
Select T4 DPLL
400
2.0
2.048
(not TO4/TO5)
-
-
Select T0 DPLL 16E1
220
1.2
2.048
(not TO6)
12E1 mode
-
-
900
4.5
2.048
via Digital1 (not TO7) or Digital2 (not TO6) 77.76 MHz Analog
-
-
3800
13
2.048
via Digital1 (not TO7) or Digital2 (not TO6) Any digital feedback mode
-
-
3800
18
2.059
-
16DS1 mode
Select T4 DPLL
200
1.2
2.059
-
-
Select T0 DPLL 16DS1
150
1.0
2.059
(not TO6)
16DS1 mode
-
-
760
2.6
2.316
(not TO4/TO5)
-
24DS1 mode
Select T4 DPLL
110
0.75
2.316
(not TO4/TO5)
-
-
Select T0 DPLL 24DS1
110
0.75
2.731
-
16E1 mode
Select T4 DPLL
400
1.5
2.731
-
-
Select T0 DPLL 16E1
220
1.2
2.731
(not TO6)
16E1 mode
-
-
250
1.6
2.796
(not TO4/TO5)
-
DS3 mode
Select T4 DPLL
110
1.0
3.088
-
24DS1 mode
Select T4 DPLL
110
0.75
3.088
-
-
Select T0 DPLL 24DS1
110
0.75
3.088
(not TO6)
24DS1 mode
-
-
110
0.75
3.088
via Digital1 (not TO7) or Digital2 (not TO6) 77.76 MHz Analog
-
-
3800
13
3.088
via Digital1 (not TO7) or Digital2 (not TO6) Any digital feedback mode
-
-
3800
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com