Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 27 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 23Page - Semtech Corporation ACS8530 Datasheet HTML 24Page - Semtech Corporation ACS8530 Datasheet HTML 25Page - Semtech Corporation ACS8530 Datasheet HTML 26Page - Semtech Corporation ACS8530 Datasheet HTML 27Page - Semtech Corporation ACS8530 Datasheet HTML 28Page - Semtech Corporation ACS8530 Datasheet HTML 29Page - Semtech Corporation ACS8530 Datasheet HTML 30Page - Semtech Corporation ACS8530 Datasheet HTML 31Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 27
www.semtech.com
ACS8530 SETS
Notes: (i) The frequency acceptance and generation range will be ±4.6 ppm around the required frequency when the external crystal
frequency accuracy is within a tolerance of ±4.6 ppm.
(ii) The fundamental acceptance range and generation range is ±9.2 ppm with an exact external crystal frequency of 12.800 MHz. This
is the default DPLL range, the range is also programmable from 0 to 80 ppm in 0.08 ppm steps.
Figure 9 Minimum Input Jitter Tolerance (OC-3/STM-1)
Table 7 Input Reference Source Jitter Tolerance
Jitter Tolerance
Frequency
Monitor
Acceptance
Range
Frequency Acceptance Range
(Pull-in)
Frequency Acceptance Range
(Hold-in)
Frequency Acceptance Range
(Pull-out)
G.703[6]
±16.6 ppm
±4.6 ppm (see Note (i))
±9.2 ppm (see Note (ii))
±4.6 ppm (see Note (i))
±9.2 ppm (see Note (ii))
±4.6 ppm (see Note (i))
±9.2 ppm (see Note (ii))
G.783[9]
G.823[13]
GR-1244-CORE[19]
f0
f1
f2
f3
f4
f5
f6
f7
f8
f9
A0
A1
A2
A3
A4
Jitter and Wander Frequency (log scale)
F8530_003MINIPJITTOLOC3STM1_02
Note...For inputs supporting G.783[9] compliant sources.)
Table 8 Amplitude and Frequency Values for Jitter Tolerance (OC-3/STM-1)
STM
level
Peak to peak amplitude (unit
Interval)
Frequency (Hz)
A0
A1
A2 A3
A4
F0
F1
F2
F3
F4
F5
F6
F7
F8
F9
STM-1
2800
311 39 1.5 0.15 12 u 178 u 1.6 m 15.6 m 0.125
19.3 500 6.5 k 65 k 1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com