Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 18 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 14Page - Semtech Corporation ACS8530 Datasheet HTML 15Page - Semtech Corporation ACS8530 Datasheet HTML 16Page - Semtech Corporation ACS8530 Datasheet HTML 17Page - Semtech Corporation ACS8530 Datasheet HTML 18Page - Semtech Corporation ACS8530 Datasheet HTML 19Page - Semtech Corporation ACS8530 Datasheet HTML 20Page - Semtech Corporation ACS8530 Datasheet HTML 21Page - Semtech Corporation ACS8530 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 18
www.semtech.com
ACS8530 SETS
Figure 5 Automatic Mode Control State Diagram (T0 DPLL)
Note...The state diagram above is for T0 DPLL only, and the 3-bit state value refers to the register sts_operating Reg. 09 Bits
[2:0] T0_DPLL_operating _mode. By contrast, the T4 DPLL has only automatic operation and can be in one of only two
possible states: “Instantaneous Automatic Holdover” with zero frequency offset (its start-up state), or “Locked”. The T4 DPLL
states are not configurable by the User and there is no “Free-run” state.
Free-run
select ref
(state 001)
(1) Reset
(3) no valid standby ref
&
(main ref invalid
or out of lock > 100s
(2) all refs evaluated
&
at least one ref valid
Pre-locked
wait for up to 100s
(state 110)
(4) valid standby ref
&
[main ref invalid or
(higher-priority ref valid
& in revertive mode) or
out of lock > 100s]
(5) selected ref
phase locked
Locked
keep ref
(state 100)
Lost-phase
wait for up to 100s
(state 111)
(10) selected source
phase locked
(6) no valid standby ref
&
main ref invalid
(7) phase lost
on main ref
(8) phase
regained
within 100s
(9) valid standby ref
&
[main ref invalid or
(higher priority ref valid
& in revertive mode)]
Pre-locked2
wait for up to 100s
(state 101)
Holdover
select ref
(state 010)
(12) valid standby ref
&
(main ref invalid
or out of lock >100s)
(11) no valid standby ref
&
(main ref invalid
or out of lock >100s)
(15) valid standby ref
&
[main ref invalid or
(higher-priority ref valid
& in revertive mode) or
out of lock >100s]
(13) no valid standby ref
&
(main ref invalid
or out of lock >100s)
(14) all refs evaluated
&
at least one ref valid
Reference sources are flagged as valid when
active, in-band and have no phase alarm set.
All sources are continuously checked for
activity and frequency
Only the main source is checked for phase.
A phase lock alarm is only raised on a
reference when that reference has lost phase
whilst being used as the main reference. The
micro-processor can reset the phase lock
alarm.
A source is considered to have phase locked
when it has been continuously in phase lock
for between 1 and 2 seconds.
F8530D_018AutoModeContStateDia_02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com