Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 32 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 32 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 28Page - Semtech Corporation ACS8530 Datasheet HTML 29Page - Semtech Corporation ACS8530 Datasheet HTML 30Page - Semtech Corporation ACS8530 Datasheet HTML 31Page - Semtech Corporation ACS8530 Datasheet HTML 32Page - Semtech Corporation ACS8530 Datasheet HTML 33Page - Semtech Corporation ACS8530 Datasheet HTML 34Page - Semtech Corporation ACS8530 Datasheet HTML 35Page - Semtech Corporation ACS8530 Datasheet HTML 36Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 32
www.semtech.com
ACS8530 SETS
Sync OC-N rates), then the FrSync output will still align
with the 19.44 MHz output but not with the 6.48 MHz
output clock.
The FrSync and MFrSync outputs always come from the
T0 DPLL path. 2kHz and 8kHz outputs can also be
produced at the TO1 to TO7 outputs. These can come
from either the T0 DPLL or from the T4 DPLL, controlled
by Reg. 7A, Bit 7.
If required, this allows the T4 DPLL to be used as a
separate PLL for the FrSync and MFrSync path with a
2kHz input and 2kHz and 8kHz Frame Sync outputs.
Output Clock Ports
The device supports a set of main output clocks, T0 and
T4, and a pair of secondary Sync outputs, FrSync and
MFrSync. The two main output clocks, T0 and T4, are
independent of each other and are individually selectable.
The two secondary output clocks, FrSync and MFrSync,
are derived from either T0 or T4. The frequencies of the
main output clocks are selectable from a range of pre-
defined spot frequencies and a variety of output
technologies are supported, as defined in Table 12.
PECL/LVDS/AMI Output Port Selection
The choice of PECL or LVDS compatibility is programmed
via the cnfg_differential_outputs register, Reg. 3A.
AMI port, TO8, supports a composite clock, consisting of a
64 kHz AMI clock with 8 kHz boundaries marked by
deliberate violations of the AMI coding rules, as specified
in ITU recommendation G.703[6]. Departures from the
nominal pattern are detected within the ACS8530, and
may cause reference-switching if too frequent. See “DC
Characteristics: AMI Input/Output Port” on page 139., for
more details.
Output Frequency Selection and Configuration
The output frequency at many of the outputs is controlled
by a number of inter-dependent parameters. These
parameters control the selections within the various
blocks shown in Figure 11.
The ACS8530 contains two main DPLL/APLL paths. Whilst
they are largely independent, there are a number of ways
in which these two structures can interact. Figure 11
shows an expansion of the original Block Diagram
(Figure 1) for the PLL paths.
T0 DPLL and APLLs
The T0 DPLL always produces 77.76 MHz regardless of
either the reference frequency (frequency at the input pin
of the device) or the locking frequency (frequency at the
input of the DPLL Phase and Frequency Detector (PFD)).
The input reference is either passed directly to the PFD or
via a pre-divider (not shown) to produce the reference
input. The feedback 77.76 MHz is either divided or
synthesized to generate the locking frequency.
Digital Frequency Synthesis (DFS) is a technique for
generating an output frequency using a higher frequency
system clock (204.8 MHz in the case of the 77.76 MHz
synthesis). However, the edges of the output clock are not
ideally placed in time, since all edges of the output clock
will be aligned to the active edge of the system clock. This
will mean that the generated clock will inherently have
jitter on it equivalent to one period of the system clock.
The T0 77M forward DFS block uses DFS clocked by the
204.8 MHz system clock to synthesize the 77.76 MHz
and, therefore, has an inherent 4.9 ns of p-p jitter. There
is an option to use an APLL, the T0 feedback APLL, to filter
out this jitter before the 77.76 MHz is used to generate
the feedback locking frequency in the T0 feedback DFS
block. This analog feedback option allows a lower jitter
(<1 ns) feedback signal to give maximum performance.
The digital feedback option is present so that when the
output path is switched to digital feedback the two paths
remain synchronized.
The T0 77M forward DFS block is also the block that
handles Phase Build-out and any phase offset
programmed into the device. Hence, the T0 77M forward
DFS and the T0 77M output DFS blocks are locked in
frequency but may be offset in phase.
The T0 77M output DFS block also uses the 204.8 MHz
system clock and always generates 77.76 MHz for the
output clocks (with inherent 4.9 ns of jitter). This is fed to
another DFS block and to the T0 output APLL. The low
frequency T0 LF output DFS block is used to produce
three frequencies; two of them, Digital1 and Digital2, are
available for selection to be produced at outputs TO1-
TO7, and the third frequency can produce multiple
E1/DS1 rates via the filtering APLLs. The input clock to
the T0 LF output DFS block is either 77.76 MHz from the
T0 output APLL (post jitter filtering) or 77.76 MHz direct
from the T0 77M output DFS. Utilizing the clock from the
T0 output APLL will result in lower jitter outputs from the
T0 LF output DFS block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com