Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 85 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 85 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 81Page - Semtech Corporation ACS8530 Datasheet HTML 82Page - Semtech Corporation ACS8530 Datasheet HTML 83Page - Semtech Corporation ACS8530 Datasheet HTML 84Page - Semtech Corporation ACS8530 Datasheet HTML 85Page - Semtech Corporation ACS8530 Datasheet HTML 86Page - Semtech Corporation ACS8530 Datasheet HTML 87Page - Semtech Corporation ACS8530 Datasheet HTML 88Page - Semtech Corporation ACS8530 Datasheet HTML 89Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 85
www.semtech.com
ACS8530 SETS
[3:0]
T4_forced_reference_source
This field can be used to force the T4 DPLL to select
a particular input. A value of zero in this field allows
the T4 input to be selected automatically via the
priority and input monitoring functions.
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
T4 DPLL automatic source selection.
T4 DPLL forced to select input I1.
T4 DPLL forced to select input I2.
T4 DPLL forced to select input I3.
T4 DPLL forced to select input I4.
T4 DPLL forced to select input I5.
T4 DPLL forced to select input I6.
T4 DPLL forced to select input I7.
T4 DPLL forced to select input I8.
T4 DPLL forced to select input I9.
T4 DPLL forced to select input I10.
T4 DPLL forced to select input I11.
T4 DPLL forced to select input I12.
T4 DPLL forced to select input I13.
T4 DPLL forced to select input I14.
Not used.
Address (hex):
36
Register Name cnfg_differential_inputs
Description
(R/W) Configures the differential
inputs to be PECL or LVDS type
inputs.
Default Value
0000 0010
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
I6_PECL
I5_LVDS
Bit No.
Description
Bit Value
Value Description
[7:2]
Not used.
-
-
1
I6_PECL
Configures the I6 input to be compatible with either
3 V LVDS or 3 V PECL electrical levels.
0
1
I6 input LVDS compatible.
I6 input PECL compatible (Default).
0
I5_LVDS
Configures the I5 input to be compatible with either
3 V LVDS or 3 V PECL electrical levels.
0
1
I5 input LVDS compatible (Default).
I5 input PECL compatible.
Address (hex):
35 (cont...)
Register Name cnfg_T4_path
Description
Register to configure the inputs
and other features in the T4 path.
Default Value
0100 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
lock_T4_to_T0
T4_dig_feed-
back
T4_op_from_T0
T4_forced_reference_source
Bit No.
Description
Bit Value
Value Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com