Electronic Components Datasheet Search
  English  ▼

X  

ACS8530 Datasheet(PDF) 103 Page - Semtech Corporation

Part # ACS8530
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530 Datasheet(HTML) 103 Page - Semtech Corporation

Back Button ACS8530 Datasheet HTML 99Page - Semtech Corporation ACS8530 Datasheet HTML 100Page - Semtech Corporation ACS8530 Datasheet HTML 101Page - Semtech Corporation ACS8530 Datasheet HTML 102Page - Semtech Corporation ACS8530 Datasheet HTML 103Page - Semtech Corporation ACS8530 Datasheet HTML 104Page - Semtech Corporation ACS8530 Datasheet HTML 105Page - Semtech Corporation ACS8530 Datasheet HTML 106Page - Semtech Corporation ACS8530 Datasheet HTML 107Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 103
www.semtech.com
ACS8530 SETS
Address (hex):
54
Register Name cnfg_upper_threshold_1
Description
(R/W) Register to program the
activity alarm setting limit for
Leaky Bucket Configuration 1.
Default Value
0000 0110
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
upper_threshold_1_value
Bit No.
Description
Bit Value
Value Description
[7:0]
upper_threshold_1_value
The Leaky Bucket operates on a 128 ms cycle. If,
during a cycle, it detects that an input has either
failed or has been erratic, then for each cycle in
which this occurs, the accumulator is incremented
by 1, and for each period of 1, 2, 4, or 8 cycles, as
programmed in Reg. 57 (cnfg_decay_rate_1), in
which this does not occur, the accumulator is
decremented by 1.
When the accumulator count reaches the value
programmed as the upper_threshold_1_value, the
Leaky Bucket raises an input inactivity alarm.
-
Value at which the Leaky Bucket will raise an
inactivity alarm.
Address (hex):
55
Register Name cnfg_lower_threshold_1
Description
(R/W) Register to program the
activity alarm resetting limit for
Leaky Bucket Configuration 1.
Default Value
0000 0100
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
lower_threshold_1_value
Bit No.
Description
Bit Value
Value Description
[7:0]
lower_threshold_1_value
The Leaky Bucket operates on a 128 ms cycle. If,
during a cycle, it detects that an input has either
failed or has been erratic, then for each cycle in
which this occurs, the accumulator is incremented
by 1, and for each period of 1, 2, 4, or 8 cycles, as
programmed in Reg. 57 (cnfg_decay_rate_1), in
which this does not occur, the accumulator is
decremented by 1.
The lower_threshold_1_value is the value at which
the Leaky Bucket will reset an inactivity alarm.
-
Value at which the Leaky Bucket will reset an
inactivity alarm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com