Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 127 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 127 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
127
10.1.14 NORON (13h): Normal Display Mode On
13H
NORON (Normal Display Mode On)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
NORON
0
↑
1
-
0
0
0
1
0
0
1
1
(13h)
1
st Parameter
No Parameter
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command returns the display to normal mode.
-Normal display mode on means Partial mode off, Scroll mode Off.
-Exit from NORON by the Partial mode On command (12h)
-There is no abnormal visual effect during mode change from Normal mode On to Partial mode On.
Restriction
-This command has no effect when Normal Display mode is active.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Normal Mode On
S/W Reset
Normal Mode On
H/W Reset
Normal Mode On
Flow Chart -See Partial Area and Vertical Scrolling Definition Descriptions for details of when to use this command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com