Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 128 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 128 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
128
9.1.15 INVOFF (20h): Display Inversion Off
20H
IVNOFF (Normal Display Mode Off)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
INVOFF
0
↑
1
-
0
0
1
0
0
0
0
0
(20h)
1
st Parameter
No Parameter
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used to recover from display inversion mode.
-This command makes no change of contents of frame memory.
-This command does not change any other status.
Restriction
-This command has no effect when module is already inversion off mode.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Display Inversion off
S/W Reset
Display Inversion off
H/W Reset
Display Inversion off
Flow Chart
Top-Left (0,0)
(Example)
Memory
Display
Display Inversion On
Mode
Legend
Command
Parameter
INVOFF (20h)
Display
Action
Display Inversion OFF
Mode
Sequential
transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com