Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 124 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 124 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
124
10.1.12 SLPOUT (11h): Sleep Out
11H
SLPOUT (Sleep Out)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
SLPOUT
0
↑
1
-
0
0
0
1
0
0
0
1
(11h)
1st Parameter
No Parameter
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command turns off sleep mode.
-In this mode the DC/DC converter is enabled, Internal display oscillator is started, and panel scanning is
started.
Restriction
-This command has no effect when module is already in sleep out mode. Sleep Out Mode can only be exit
by the Sleep In Command (10h).
-It will be necessary to wait 120msec before sending next command, this is to allow time for the supply
voltages and clock circuits to stabilize.
-DRIVER loads all default values of extended and test command to the registers during this 120msec and
there cannot be any abnormal visual effect on the display image if those default and register values are
same when this load is done and when the DRIVER is already Sleep Out mode.
-DRIVER is doing self-diagnostic functions during this 120msec. See also section 9.20.
-It will be necessary to wait 120msec after sending Sleep In command (when in Sleep Out mode) before
Sleep Out command can be sent
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Sleep in mode
S/W Reset
Sleep in mode
H/W Reset
Sleep in mode
Sleep Out
VDDI
1.6V-3.0V
VDD
Internal Oscillator
STOP
Start
AVDD
0V or VDD
VGL
0V
VGH
0V or VDD
Internal counter
STOP
Start
IC Internal reset
0V
2.6V-3.0V
Gate Output
Source Output
VCOM Output
STOP
0V
0V
STOP
0V
0V
Memory Contents
Memory Contents
Blanking display (over 1frame display) *
If DISPON 29h is set
* Note: complete 1 frame display (ex: continue 2-falling edges of VS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com