Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 121 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 121 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
121
10.1.10 RDDSDR (0Fh): Read Display Self-Diagnostic Result
0FH
RDDSDR (0Fh): Read Display Self-Diagnostic Result
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDDSDR
0
↑
1
-
0
0
0
0
1
1
1
1
(0Fh)
1
st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd Parameter
1
1
↑
-
RELD
FUND
ATTD
BRD
D3
D2
D1
D0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Value
RELD
Register Loading Detection
See section 9.19
FUND
Functionality Detection
See section 9.19
ATTD
Chip Attachment Detection
“1”
BRD
Display Glass Break Detection
“1”
D3
Not Used
“0”
D2
Not Used
“0”
D1
Not Used
“0”
D0
Not Used
“0”
Restriction
-
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value(D7~D0)
Power On Sequence
S/W Reset
H/W Reset
Flow Chart
Serial I/F Mode
RDDSDR
(0Fh)
Send D[7:0]
Parallel I/F Mode
RDDSDR
(0Fh)
Dummy Read
Host
Driver
Legend
Command
Parameter
Display
Action
Send D[7:0]
Mode
Sequential
transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com