Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 122 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 122 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
122
10.1.11 SLPIN (10h): Sleep In
10H
SLPIN (Sleep In)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
SLPIN
0
↑
1
-
0
0
0
1
0
0
0
0
(10h)
1
st Parameter
No parameter
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command causes the LCD module to enter the minimum power consumption mode.
-In this mode the DC/DC converter is stopped, Internal display oscillator is stopped, and panel
scanning is stopped.
-MCU interface and memory are still working and the memory keeps its contents
Restriction
-This command has no effect when module is already in sleep in mode. Sleep In Mode can only be exit by
the Sleep Out Command (11h).
-It will be necessary to wait 120msec before sending next command , this is to allow time for the supply
voltages and clock circuits to stabilize.
-It will be necessary to wait 120msec after sending Sleep Out command (when in Sleep In Mode) before
Sleep In command can be sent.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Sleep in mode
S/W Reset
Sleep in mode
H/W Reset
Sleep in mode
Sleep In
VDDI
1.6V-3.0V
VDD
Gate Output
Source Output
0V
Blanking display (over 1frame display) *
VCOM Output
0V
2.6V-3.0V
STOP
0V
Internal counter
STOP
Internal Oscillator
STOP
DC charge in capacitors
DISCHARGE
0V or VDD
VGH
0V or VDD
VGL
0V
AVDD
0V or VDD
IC Internal reset
0V
* Note: complete 1 frame display (ex: continue 2-falling edges of VS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com