Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 120 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 120 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
120
10.1.9 RDDSM (0Eh): Read Display Signal Mode
0EH
RDDSM (0Eh): Read Display Signal Mode
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDDSM
0
↑
1
-
0
0
0
0
1
1
1
0
(0Eh)
1
st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd Parameter
1
1
↑
-
TEON
TELOM
HSON
VSON
PCKON
DEON
D1
D0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Value
TEON
Tearing Effect Line On/Off
“1” = On,
“0” = Off
TELOM
Tearing effect line mode
“1” = mode1,
“0” = mode2
HSON
Horizontal Sync. (RGB I/F) On/Off
“1” = On,
“0” = Off
VSON
Vertical Sync. (RGB I/F) On/Off
“1” = On,
“0” = Off
PCKON
Pixel Clock (PCLK, RGB I/F) On/Off
“1” = On,
“0” = Off
DEON
Data Enable (DE, RGB I/F) On/Off
“1” = On,
“0” = Off
D1
Not Used
“1” = On,
“0” = Off
D0
Not Used
“1” = On,
“0” = Off
Restriction
-
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value(D7~D0)
Power On Sequence
00h
S/W Reset
00h
H/W Reset
00h
Flow Chart
Serial I/F Mode
RDDSM
(0Eh)
Send D[7:0]
Parallel I/F Mode
RDDSM
(0Eh)
Dummy Read
Host
Driver
Legend
Command
Parameter
Display
Action
Send D[7:0]
Mode
Sequential
transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com