Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 117 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 117 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
117
10.1.7 RDDCOLMOD (0Ch): Read Display Pixel Format
0CH
RDDCOLMOD (Read Display Pixel Format)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDDCOLMOD
0
↑
1
-
0
0
0
0
1
1
0
0
(0Ch)
1
st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd Parameter
1
1
↑
-
VIPF3
VIPF2
VIPF1
VIPF0
D3
IFPF2
IFPF1
IFPF0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
This command indicates the current status of the display as described in the table below:
IFPF[2:0]
MCU Interface Color Format
011
3
12-bit/pixel
101
5
16-bit/pixel
110
6
18-bit/pixel
111
7
No used
Others are no define and invalid
VIFPF[2:0]
RGB Interface Color Format
0101
5
16-bit/pixel (1-times data transfer)
0110
6
18-bit/pixel (1-times data transfer)
0111
7
No used
1110
14
18-bit/pixel (3-times data transfer)
Others are no define and invalid
Restriction
-
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
IFPF[2:0]
VIPF[3:0]
Power On Sequence
0110 (18 bits/pixel)
0110 (18 bits/pixel)
S/W Reset
No Change
No Change
H/W Reset
0110 (18 bits/pixel)
0110 (18 bits/pixel)
Flow Chart
Serial I/F Mode
RDDCOLMOD
(0Ch)
Send D[7:0]
Parallel I/F Mode
RDDCOLMOD
(0Ch)
Dummy Read
Host
Driver
Legend
Command
Parameter
Display
Action
Send D[7:0]
Mode
Sequential
transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com