Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 114 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 114 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
114
Note: ST0, ST5, ST9, ST11-ST15, ST19, ST23, ST24 are set to ‘0’, when RGB I/F.
Restriction
-
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value (ST31 to ST0)
ST[31-24]
ST[23-16]
ST[15-8]
ST[7-0]
Power On Sequence
0000-0000
0110-0001
0000-0000
0000-0000
S/W Reset
0xxx0xx00
0xxx-0001
0000-0000
0000-0000
H/W Reset
0000-0000
0110-0001
0000-0000
0000-0000
Flow Chart
Serial I/F Mode
Parallel I/F Mode
RDDST (09h)
Dummy Clock
RDDST (09h)
Dummy Read
Host
Driver
Send ST[31:24]
Send ST[23:16]
Send ST[31:24]
Send ST[23:16]
Send ST[15:8]
Send ST[7:0]
Send ST[15:8]
Send ST[7:0]
Legend
Command
Parameter
Display
Action
Mode
Sequential
transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com