Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 112 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 112 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
112
10.1.3 RDDID (04h): Read Display ID
04H
RDDID (Read Display ID)
Inst / Para
D/CX WRX RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDDID
0
↑
1
-
0
0
0
0
0
1
0
0
(04h)
1st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy
2nd Parameter
1
1
↑
-
ID17
ID16
ID15
ID14
ID13
ID12
ID11
ID10
3rt Parameter
1
1
↑
-
ID27
ID26
ID25
ID24
ID23
ID22
ID21
ID20
4th Parameter
1
1
↑
-
ID37
ID36
ID35
ID34
ID33
ID32
ID31
ID30
NOTE: “-“ Don’t care
Description
-This read byte returns 24-bit display identification information.
-The 1st parameter is dummy data
-The 2nd parameter (ID17 to ID10): LCD module’s manufacturer ID.
-The 3rd parameter (ID27 to ID20): LCD module/driver version ID
-The 4th parameter (ID37 to UD30): LCD module/driver ID.
NOTE: Commands RDID1/2/3(DAh, DBh, DCh) read data correspond to the parameters 2,3,4 of the command 04h,
respectively.
Restriction
-
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Default Value
Status
ID1
ID2
ID3
Power On Sequence
N/A
N/A
N/A
S/W Reset
N/A
N/A
N/A
H/W Reset
N/A
N/A
N/A
Flow Chart
Serial I/F Mode
Parallel I/F Mode
RDDID (04h)
Dummy Clock
RDDID (04h)
Dummy Read
Host
Driver
Send ID1[7:0]
Send ID1[7:0]
Send ID2[7:0]
Send ID3[7:0]
Send ID2[7:0]
Send ID3[7:0]
Legend
Command
Parameter
Display
Action
Mode
Sequential
transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com