Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 109 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 109 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
109
Table 10.2.4 Panel Function Command List (4)
Instruction
Refer D/CXWRXRDX D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Hex) Function
0
↑
1
-
1
1
1
0
0
0
0
0
(E0h) Set Gamma
correction
-
MVA_EN ---
---
---
RFP0[3] RFP0[2] RFP0[1] RFP0[0]
1
↑
1
-
0
0
0
0
0
0
0
1
---
---
---
---
PKP0[3] PKP0[2] PKP0[1] PKP0[0]
1
↑
1
0
0
0
0
1
1
0
0
---
---
---
PKP1[4] PKP1[3] PKP1[2] PKP1[1] PKP1[0]
1
↑
1
0
0
0
1
1
0
0
1
---
---
---
PKP2[4] PKP2[3] PKP2[2] PKP2[1] PKP2[0]
1
↑
1
0
0
0
1
1
1
0
0
---
---
---
PKP3[4] PKP3[3] PKP3[2] PKP3[1] PKP3[0]
1
↑
1
0
0
0
1
1
0
1
1
---
---
---
PKP4[4] PKP4[3] PKP4[2] PKP4[1] PKP4[0]
1
↑
1
0
0
0
1
1
0
0
1
---
---
---
PKP5[4] PKP5[3] PKP5[2] PKP5[1] PKP5[0]
1
↑
1
0
0
0
1
1
0
0
0
---
---
---
PKP6[4] PKP6[3] PKP6[2] PKP6[1] PKP6[0]
1
↑
1
0
0
0
1
1
0
1
0
---
---
---
PKP7[4] PKP7[3] PKP7[2] PKP7[1] PKP7[0]
1
↑
1
0
0
0
0
1
1
0
1
---
---
---
---
PKP8[3] PKP8[2] PKP8[1] PKP8[0]
1
↑
1
0
0
0
0
0
0
0
1
---
---
---
---
RFP1[3] RFP1[2] RFP1[1] RFP1[0]
1
↑
1
0
0
0
0
0
0
1
0
---
---
---
---
0
OSP1[2] OSP1[1] OSP1[0]
GAMCTRP1
10.2.22
1
↑
1
-
0
0
0
0
0
0
1
1
Postiive Polarity
0
↑
1
-
1
1
1
0
0
0
0
1
(E1h)
Set Gamma
correction
-
---
---
---
---
RFN0[3] RFN0[2] RFN0[1] RFN0[0]
1
↑
1
-
0
0
0
0
0
0
0
1
---
---
---
---
PKN0[3] PKN0[2] PKN0[1] PKN0[0]
1
↑
1
0
0
0
0
1
1
0
0
---
---
---
PKN1[4] PKN1[3] PKN1[2] PKN1[1] PKN1[0]
1
↑
1
0
0
0
1
1
0
0
1
---
---
---
PKN2[4] PKN2[3] PKN2[2] PKN2[1] PKN2[0]
1
↑
1
0
0
0
1
1
1
0
0
---
---
---
PKN3[4] PKN3[3] PKN3[2] PKN3[1] PKN3[0]
1
↑
1
0
0
0
1
1
0
1
1
---
---
---
PKN4[4] PKN4[3] PKN4[2] PKN4[1] PKN4[0]
1
↑
1
0
0
0
1
1
0
0
1
---
---
---
PKN5[4] PKN5[3] PKN5[2] PKN5[1] PKN5[0]
1
↑
1
0
0
0
1
1
0
0
0
---
---
---
PKN6[4] PKN6[3] PKN6[2] PKN6[1] PKN6[0]
1
↑
1
0
0
0
1
1
0
1
0
---
---
---
PKN7[4] PKN7[3] PKN7[2] PKN7[1] PKN7[0]
1
↑
1
0
0
0
0
1
1
0
1
---
---
---
---
PKN8[3] PKN8[2] PKN8[1] PKN8[0]
1
↑
1
0
0
0
0
0
0
0
1
---
---
---
---
RFN1[3] RFN1[2] RFN1[1] RFN1[0]
1
↑
1
0
0
0
0
0
0
1
0
1
↑
1
---
---
---
---
---
OSN1[2] OSN1[1] OSN1[0]
GAMCTRN1
10.2.23
-
0
0
0
0
0
0
1
1
Negative Polarity
0
↑
1
-
1
1
1
1
0
1
0
0
(FBh) Vcom multi mode
--
1
Vcom
_Mu_mode
1
1
1
1
1
Vcom_multi_mode10.2.24
1
↑
1
-
1
1
1
1
1
1
1
“-“: Don’t care
Note 1: E0-E7 registers are fixed for about Gamma adjusting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com