Electronic Components Datasheet Search
  English  ▼

X  

ST7787 Datasheet(PDF) 111 Page - Sitronix Technology Co., Ltd.

Part # ST7787
Description  262K Color Single-Chip TFT Controller/Driver
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7787 Datasheet(HTML) 111 Page - Sitronix Technology Co., Ltd.

Back Button ST7787 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7787 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 217 page
background image
ST7787
Ver. 1.7
2008.04.18
111
10.1.2 SWRESET (01h): Software Reset
01H
SWRESET (Software Reset)
Inst / Para
D/CX WRX RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
SWRESET
0
↑
1
-
0
0
0
0
0
0
0
1
(01h)
Parameter
No Parameter
-
NOTE: “-“ Don’t care
Description
-When the Software Reset command is written, it causes a software reset. It resets the commands and
parameters to their S/W Reset default values and all source & gate outputs are set to VSS (display off).
(See default tables in each command description) Note: The Frame Memory contents are not affected by this
command.
Restriction
-It will be necessary to wait 120msec before sending new command following software reset.
-The display module loads all display supplier ’s factory default values to the registers during 120msec.
-If Software Reset is applied during Sleep Out mode, it will be necessary to wait 120msec before sending
Sleep Out command.
-Software Reset command cannot be sent during Sleep Out sequence.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
N/A
S/W Reset
N/A
H/W Reset
N/A
Flow Chart
SWRESET (01h)
Legend
Display whole blank
screen
Set Commands
to S/W Default
Value
Command
Parameter
Display
Action
Mode
Sleep In Mode
Sequential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com